Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 1 Page - B&K Precision Corporation

  5490C Datasheet HTML 1Page - B&K Precision Corporation 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
Technical data subject to change
© B&K Precision Corp. 2020
www.bkprecision.com
Digital Multimeters
5½ & 6½ Digit
5490C Series
The 5490C Series 5½ and 6½-digit bench
multimeters are designed for accuracy,
repeatability and ease-of-use. A wide
measurement range with speeds up to 1000
readings per second, and a basic DCV accuracy
up to 35 ppm deliver stable measurement results
quickly and accurately. These general purpose
meters are well suited for demanding
engineering, production and service applications.
The multimeters feature simple and intuitive
switching between the 12 measurement
functions and display modes for a variety of test
setups. Display modes include bar meter, trend
chart, and histogram which can be combined with
statistics or math functions. The dual
measurement feature enables the simultaneous
display of 2 measurements, e.g. AC voltage and
frequency. Additionally, Limit mode and Probe
hold mode allow users to conveniently verify and
compare readings.
Features and benefits
n
12 measurement functions: DCV, ACV, DCI,
ACI, 2 and 4-wire resistance, capacitance,
frequency, diode, temperature, continuity test,
DCV Ratio
n
High-contrast 4.3-inch full color LCD
n
Histogram, bar meter, and trend chart offer a
variety of data analysis options
n
Accurate frequency measurements to 1 MHz
n
Display Min, Max, Peak-Peak, Average,
Standard Deviation statistics simultaneously
n
Null, dB, dB, %, mx+b, and run/stop math
functions
n
Internal storage buffer holds 10,000 readings
n
Measurement speed up to 1000 readings/s
n
35 ppm basic DC voltage accuracy
n
2-wire and 4-wire resistance measurements
down to 10 Ω
n
Dual measurement display
n
Temperature measurement capability
using a Pt100 or 5 kΩ thermistor probe
n
Rack mount kit option (RK02)
n
Rear input terminals for rack use (6½-digit
model only)
n
Standard USB (USBTMC-compliant), RS232,
and LAN interfaces, GPIB option
n
Real-time clock/calendar to set/read time and
date
Model
5492C
5492CGPIB
5493C
5493CGPIB
Displayed Digits
5½
6½
DC Voltage basic accuracy
0.010% (100 ppm)
0.0035% (35 ppm)
Rear input terminals
--
√
For remote communication, this series includes
standard LAN, USB (USBTMC-compliant) and
RS232 interfaces, as well as a GPIB option.
A LabVIEWTM driver is provided to simplify
system integration and instrument control.
The front panel USB host port can be used for
transferring screen captures and measurement
data, logged with date and time stamp, from the
multimeter's internal memory to a computer.
* GPIB model option
USB
LAN
RS232
GPIB*
Operating software
The provided operating software supports remote
instrument control, live measurement monitoring,
and data logging.


Similar Part No. - 5490C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
List of Unclassifed Man...
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
3M Electronics
5490 3M-5490 Datasheet
176Kb / 2P
PTFE Extruded Film Tape
Oct-2016
logo
OSRAM GmbH
54904 OSRAM-54904 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549042 FESTO-549042 Datasheet
87Kb / 1P
Electrical interface
More results

Similar Description - 5490C

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
Digital Mini MultiMeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
Digital Multimeters
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com