Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 9 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 9 Page - B&K Precision Corporation

Back Button 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation 5490C Datasheet HTML 10Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Digital Multimeters
5490C Series
9
www.bkprecision.com
v091420
General
AC Input
110 V/220 V ±10%, 50/60 Hz
Power Consumption
≤ 30 VA
I/O Interface
RS232, USB host, USB (USBTMC-compliant) device, LAN, GPIB (5492CGPIB and 5493CGPIB only)
Temperature
Operating
32 °F to 104 °F (0 °C to 40 °C)
Storage
-40 ºF to 158 ºF (-40 ºC to 70 ºC)
Humidity
Indoor use, ≤ 95 %
Safety
EN 6110-1:2010, Low Voltage Directive (LVD) 2014/35/EU
Electromagnetic Compatibility
EN 61326-1:2013, EMC directive 2014/30/EU
Dimensions (W x H x D)
8.85” x 3.93” x 13.97” (225 mm x 100 mm x 355 mm)
Weight
5.51 lbs (2.5 kg)
Warranty
3 years
Standard Accessories
Power cord, USB cable, test leads, spare fuses, test report and certificate of calibration
Optional Accessories
Rack mount kit (RK02), high performance bench DMM accessory kit (TL500B), general purpose DMM kit (TL130B),
Maxi-Pro DMM kit (TL50B), replacement probes (TL37)
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com