Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 5 Page - B&K Precision Corporation

  5490C Datasheet HTML 1Page - B&K Precision Corporation 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Digital Multimeters
5490C Series
5
www.bkprecision.com
Specifications - 5492C / 5492CGPIB
Range(3)
Resolution
Full Scale Reading
100 mV
1 µV
119.999 mV
1 V
10 µV
1.19999 V
10 V
100 µV
11.9999 V
100 V
1 mV
119.999 V
750 V(4)
10 mV
787.50 V
(1) Valid for sine wave input > 0.3% of range and greater than 1 mVrms.
(2) Three filters are available for low-frequency performance: 3 Hz, 20 Hz, and 200 Hz. No additional errors will occur for frequencies above these filter settings.
(3) 20% overrange on all ranges except 750 V range can only test 5% overrange.
(4) 750 V range is limited to 8 x 107 Volt-Hz.
Range(7)
Burden Voltage
Resolution
Full Scale
Reading
Accuracy (1 year)
3 Hz to 5 Hz
5 Hz to 20 Hz
20 Hz to 10 kHz
100 µA
< 0.011 V
1 nA
119.999 µA
1.00 + 0.03
0.5 + 0.03
0.20 + 0.04
1 mA
< 0.11 V
10 nA
1.19999 mA
1.00 + 0.03
0.5 + 0.03
0.20 + 0.04
10 mA
< 0.05 V
0.1 µA
11.9999 mA
1.00 + 0.03
0.5 + 0.03
0.20 + 0.04
100 mA
< 0.5 V
1 µA
119.999 mA
1.00 + 0.03
0.5 + 0.03
0.20 + 0.04
1 A
< 0.7 V
10 µA
1.19999 A
1.00 + 0.03
0.5 + 0.03
0.20 + 0.04
3 A
< 2.0 V
10 µA
3.1500 A
1.00 + 0.03
0.5 + 0.03
0.25 + 0.04
10 A(8)
< 0.5 V
100 µA
11.9999 A
1.00 + 0.03
0.5 + 0.03
0.30 + 0.04
True RMS AC Current (5)(6)
(5) Three filters are available for low-frequency performance: 3 Hz, 20 Hz, and 200 Hz. No additional errors will occur for frequencies above these filter settings.
(6) Valid for sinewave input > 1% of range and greater than 10 µA AC.
(7) 20% overrange on all ranges except 3 A range can only test 5% overrange.
(8) 10 A range available on front panel only.
Range Test Current Accuracy (1 year)
Temperature Coefficient / °C
1 kΩ
1 mA
0.030 + 0.004
0.0010 + 0.0020
Continuity
(9) Applicable to the voltage measured at the input terminal. A 1 mA test current is typical. Changes in the current source will
cause variations in voltage drop across the diode junction.
Range Test Current Accuracy (1 year)
Temperature Coefficient / °C
5 V
1 mA
0.010 + 0.005(1)
0.0010 + 0.0020
Diode(9)
Type
Accuracy
Pt100 (DIN / IEC 751)
Probe accuracy + 0.05 °C
5 kΩ thermistor
Probe accuracy + 0.10 °C
Temperature
Frequency
Accuracy (1 Year)
3 Hz to 5 Hz
1.00 + 0.03
5 Hz to 20 Hz
0.38 + 0.03
20 Hz to 20 kHz
0.10 + 0.03
20 kHz to 50 kHz
0.15 + 0.05
50 kHz to 100 kHz
0.63 + 0.08
100 kHz to 300 kHz
4.00 + 0.50
True RMS AC Voltage(1)(2)
100 mV, 1 V, 10 V, 100 V, and 750 V ranges



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com