Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 8 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 8 Page - B&K Precision Corporation

Back Button 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation 5490C Datasheet HTML 10Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Digital Multimeters
5490C Series
8
www.bkprecision.com
Specifications - 5493C / 5493CGPIB
Range(3), Burden Voltage
Frequency
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
100 µA, < 0.011 V
1 mA, < 0.11 V
10 mA, < 0.05 V
100 mA, < 0.5 V
3 Hz to 5 Hz
1.00 + 0.02
1.00 + 0.02
1.00 + 0.04
0.100 + 0.006
5 Hz to 10 Hz
0.30 + 0.02
0.30 + 0.03
0.30 + 0.04
0.035 + 0.006
10 Hz to 5 kHz
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.015 + 0.006
5 kHz to 10 kHz
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.030 + 0.006
1 A, < 0.7 V
3 Hz to 5 Hz
1.00 + 0.02
1.00 + 0.02
1.00 + 0.04
0.100 + 0.006
5 Hz to 10 Hz
0.30 + 0.02
0.30 + 0.03
0.30 + 0.04
0.035 + 0.006
10 Hz to 5 kHz
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.015 + 0.006
5 kHz to 10 kHz
0.30 + 0.04
0.30 + 0.04
0.30 + 0.04
0.030 + 0.006
3 A, < 2.0 V
3 Hz to 5 Hz
1.00 + 0.02
1.00 + 0.02
1.00 + 0.04
0.100 + 0.006
5 Hz to 10 Hz
0.35 + 0.02
0.35 + 0.03
0.35 + 0.04
0.035 + 0.006
10 Hz to 5 kHz
0.23 + 0.04
0.23 + 0.04
0.23 + 0.04
0.015 + 0.006
5 kHz to 10 kHz
0.30 + 0.04
0.30 + 0.04
0.30 + 0.04
0.030 + 0.006
10 A(4), < 0.5 V
3 Hz to 5 Hz
1.00 + 0.02
1.00 + 0.02
1.00 + 0.04
0.100 + 0.006
5 Hz to 10 Hz
0.30 + 0.02
0.35 + 0.03
0.30 + 0.04
0.035 + 0.006
10 Hz to 5 kHz
0.15 + 0.04
0.15 + 0.04
0.15 + 0.04
0.015 + 0.006
5 kHz to 10 kHz
0.15 + 0.04
0.15 + 0.04
0.15 + 0.04
0.030 + 0.006
True RMS AC Current(1)(2)
(1) Three filters are available for low-frequency performance: 3 Hz, 20 Hz, and 200 Hz. No additional errors will occur for frequencies above these filter settings.
(2) Valid for sinewave input > 1% of range and greater than 10 µA AC.
(3) 20% overrange on all ranges except 3 A range which can only test 5% overrange.
(4) 10 A range available on front panel only.
Frequency
Range
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
2 Hz to 10 Hz
0.1
0.100
0.100
0.0002
10 Hz to 100 Hz
0.030
0.030
0.030
0.0002
100 Hz to 1 kHz
0.003
0.008
0.010
0.0002
1 kHz to 300 kHz
0.002
0.006
0.010
0.0002
300 kHz to 1 MHz(7)
0.002
0.006
0.010
0.0002
Square wave(8)
0.001
0.006
0.010
0.0002
Frequency ±(% of reading)(5)(6)
100 mV, 1 V, 10 V, 100 V, and 750 V ranges
(5) Applies for sine wave input and gate time set to 1 second.
(6) For sine and square wave input larger than 100 mV. For a 10 mV to 100 mV input, multiply the % reading error by 10.
(7) For frequency measurements greater than 750 kHz, use manual ranges for best accuracy.
(8) Square input specified for 10 Hz to 300 kHz.
Frequency
1 second
0.1 second
0.01 second
3 Hz to 40 Hz
0
0.200
0.200
40 Hz to 100 Hz
0
0.060
0.200
100 Hz to 1 kHz
0
0.020
0.200
1 Hz to 300 kHz
0
0.004
0.030
Square wave(8)
0
0
0
Additional gate time errors ±(% of reading)
Type
Accuracy
Pt100 (DIN / IEC 751)
Probe accuracy + 0.05 °C
5 kΩ thermistor
Probe accuracy + 0.10 °C
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com