Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 6 Page - B&K Precision Corporation

Back Button 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation 5490C Datasheet HTML 10Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Digital Multimeters
5490C Series
6
www.bkprecision.com
Specifications - 5493C / 5493CGPIB
Specifications are based on the following conditions:
- One year calibration cycle
- Calibration temperature T
CAL = 23 °C
- Accuracy specifications: ± (% of reading + % of range), valid for T
CAL ±5 ºC
- All 24 hours accuracy specifications are typical
- Add temperature coefficient for every ºC outside T
CAL ±5 ºC
- For DC: The technical specifications are valid after a warm-up time of 60 minutes, with the integration time set to 10 or 100 NPLC, and auto zero enabled.
- For AC: The technical specifications are valid after a warm-up time of 60 minutes, slow AC filtering enabled, using a sine wave input signal.
DC Voltage
(1) 20% overrange on all ranges except 1000 V range which can only test 5% overrange.
(2) Relative to calibration standards.
DC Current
(3) 10 A range available on front panel only.
DC Resistance(4)
(4) Specifications apply to 2-wire and 4-wire resistance measurements using NULL for offset. Without NULL, add 0.2 Ω additional error for 2-wire measurements.
(5) 20% overrange on all ranges
(6) To eliminate noise interference, it is recommended to use shielded test cables for resistance measurements above 100 kΩ.
Range(1)
Resolution
Full Scale
Reading
Accuracy
Temperature
Coefficient / °C
24 Hours(2)
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
100 mV
0.1 µV
119.9999 mV
0.0030 + 0.0030
0.0040 + 0.0035
0.0050 + 0.0035
0.0005 + 0.0005
1 V
1 µV
1.199999 V
0.0020 + 0.0006
0.0030 + 0.0007
0.0040 + 0.0007
0.0005 + 0.0001
10 V
10 µV
11.99999 V
0.0015 + 0.0004
0.0020 + 0.0005
0.0035 + 0.0005
0.0005 + 0.0001
100 V
100 µV
119.9999 V
0.0020 + 0.0006
0.0035 + 0.0006
0.0045 + 0.0006
0.0005 + 0.0001
1000 V
1 mV
1050.000 V
0.0020 + 0.0006
0.0035 + 0.0010
0.0045 + 0.0010
0.0005 + 0.0001
Range
Burden
Voltage
Resolution
Full Scale
Reading
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
100 µA
< 0.011 V
0.1 nA
119.9999 µA
0.010 + 0.020
0.040 + 0.025
0.050 + 0.025
0.0020 + 0.0030
1 mA
< 0.11 V
1 nA
1.199999 mA
0.010 + 0.006
0.030 + 0.006
0.050 + 0.006
0.0020 + 0.0005
10 mA
< 0.05 V
10 nA
11.99999 mA
0.010 + 0.020
0.030 + 0.020
0.050 + 0.020
0.0020 + 0.0020
100 mA
< 0.5 V
0.1 µA
119.9999 mA
0.010 + 0.004
0.030 + 0.005
0.050 + 0.005
0.0020 + 0.0005
1 A
< 0.7 V
1 µA
1.199999 A
0.050 + 0.006
0.080 + 0.010
0.100 + 0.010
0.0050 + 0.0010
3 A
< 2.0 V
1 µA
3.15000 A
0.180 + 0.020
0.200 + 0.020
0.200 + 0.020
0.0050 + 0.0020
10 A(3)
< 0.5 V
10 µA
11.99999 A
0.050 + 0.010
0.120 + 0.010
0.120 + 0.010
0.0050 + 0.0010
Range(5)
Test
Current
Resolution
Full Scale
Reading
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
10 Ω
10 mA
10 µΩ
11.99999 Ω
0.0050 + 0.0040
0.0080 + 0.0060
0.0100 + 0.0080
0.0006 + 0.0008
100 Ω
10 mA
0.1 mΩ
119.9999 Ω
0.0030 + 0.0020
0.0080 + 0.0030
0.0100 + 0.0040
0.0006 + 0.0005
1 kΩ
1 mA
1 mΩ
1.199999 kΩ
0.0020 + 0.0005
0.0080 + 0.0010
0.0100 + 0.0010
0.0006 + 0.0001
10 kΩ
100 µA
10 mΩ
11.99999 kΩ
0.0020 + 0.0005
0.0080 + 0.0010
0.0100 + 0.0010
0.0006 + 0.0001
100 kΩ(6)
50 µA
100 mΩ
119.9999 kΩ
0.0020 + 0.0005
0.0080 + 0.0010
0.0100 + 0.0010
0.0006 + 0.0001
1 MΩ
5 µA
1 Ω
1.199999 MΩ
0.0020 + 0.0010
0.0080 + 0.0010
0.0100 + 0.0010
0.0010 + 0.0002
10 MΩ
500 nA
10 Ω
11.99999 MΩ
0.0150 + 0.0010
0.0200 + 0.0010
0.0400 + 0.0010
0.0030 + 0.0004
100 MΩ
500 nA || 10 MΩ
100 Ω
119.9999 MΩ
0.3000 + 0.0100
0.8000 + 0.0100
0.8000 + 0.0100
0.1500 + 0.0002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com