Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 7 Page - B&K Precision Corporation

Back Button 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation 5490C Datasheet HTML 10Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Digital Multimeters
5490C Series
7
www.bkprecision.com
Capacitance
(1) 20% overrange on all ranges.
Frequency
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
Temperature
Coefficient / °C
3 Hz to 5 Hz
1.00 + 0.02
1.00 + 0.02
1.00 + 0.03
1.00 + 0.03
5 Hz to 10 Hz
0.35 + 0.02
0.35 + 0.03
0.35 + 0.03
0.35 + 0.03
10 Hz to 20 kHz
0.04 + 0.02
0.05 + 0.03
0.06 + 0.03
0.07 + 0.03
20 kHz to 50 kHz
0.10 + 0.04
0.11 + 0.05
0.12 + 0.05
0.13 + 0.05
50 kHz to 100 kHz
0.55 + 0.08
0.60 + 0.08
0.60 + 0.08
0.60 + 0.08
100 kHz to 300 kHz
4.00 + 0.50
4.00 + 0.50
4.00 + 0.50
4.00 + 0.50
Range(4)
Resolution
Full Scale
Reading
100 mV
1 µV
119.9999 mV
1 V
10 µV
1.199999 V
10 V
100 µV
11.99999 V
100 V
1 mV
119.9999 V
750 V(5)
10 mV
787.500 V
(2) Valid for sine wave input > 0.3% of range and greater than 1 mVrms.
(3) Three filters are available for low-frequency performance: 3 Hz, 20 Hz, and 200 Hz. No additional errors will occur for frequencies above these filter settings.
(4) 20% overrange on all ranges except 750 V range which can only test 5% overrange.
(5) 750 V range is limited to 8 x 107 Volt-Hz.
True RMS AC Voltage(2)(3)
100 mV, 1 V, 10 V, 100 V, and 750 V ranges
Specifications - 5493C / 5493CGPIB
Range
Test
Current
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1°C
90 Days
T
CAL ± 5°C
1 year
T
CAL ± 5°C
1 kΩ
1 mA
0.002 + 0.030
0.008 + 0.030
0.010 + 0.030
0.0010 + 0.0020
Continuity
Range
Test
Current
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1°C
90 Days
T
CAL ± 5°C
1 year
T
CAL ± 5°C
5 V
1 mA
0.002 + 0.030
0.008 + 0.030
0.010 + 0.030
0.0010 + 0.0020
Diode(6)
(6) Applicable to the voltage measured at the input terminal. A 1 mA test current is typical. Changes in the current source will
cause variations in voltage drop across the diode junction.
Range(1)
Full Scale
Reading
Accuracy
Temperature
Coefficient / °C
24 Hours
T
CAL ± 1 °C
90 Days
T
CAL ± 5 °C
1 Year
T
CAL ± 5 °C
1 nF
1.199999 nF
0.5 + 0.10
0.5 + 0.40
1.0 + 0.50
0.02 + 0.001
10 nF
11.99999 nF
0.2 + 0.05
0.5 + 0.10
1.0 + 0.10
0.02 + 0.001
100 nF
119.9999 nF
0.2 + 0.05
0.5 + 0.10
1.0 + 0.10
0.02 + 0.001
1 µF
1.199999 µF
0.2 + 0.05
0.5 + 0.05
1.0 + 0.10
0.02 + 0.001
10 µF
11.99999 µF
0.2 + 0.05
0.5 + 0.05
1.0 + 0.10
0.02 + 0.001
100 µF
119.9999 µF
0.2 + 0.05
0.5 + 0.05
1.0 + 0.10
0.02 + 0.001
1 mF
1.199999 mF
0.2 + 0.05
0.5 + 0.05
1.0 + 0.20
0.02 + 0.001
10 mF
11.99999 mF
0.5 + 0.20
0.5 + 0.30
1.0 + 0.50
0.02 + 0.001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com