Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 49 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 49 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 45Page - PADAUK Technology. PFS122 Datasheet HTML 46Page - PADAUK Technology. PFS122 Datasheet HTML 47Page - PADAUK Technology. PFS122 Datasheet HTML 48Page - PADAUK Technology. PFS122 Datasheet HTML 49Page - PADAUK Technology. PFS122 Datasheet HTML 50Page - PADAUK Technology. PFS122 Datasheet HTML 51Page - PADAUK Technology. PFS122 Datasheet HTML 52Page - PADAUK Technology. PFS122 Datasheet HTML 53Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 49 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
2. PWM waveforms when switching two duty cycles:
Fig. 14: Two complementary PWM waveforms with dead zones
Note: This example just illustrate a method for generating complementary PWM with dead zones and
switching duty cycle. If users try to switch duty cycle by adjusting PWM_pulse: such as when the present
PWM_pulse = 70, directly let PWM_pulse_a = 100 and PWM_pulse_b = 160. Then the new value must not
be re-assigned to tm2b register until tm2ct is 0.
This method can effectively deal with the problems such as first duty cycle inaccuracy and possible
dead zone time reduction or dead zone disappear caused by assigning new value to tm2b when tm2ct is not
0. Please handle it carefully and consult FAE when necessary according to the practical application
specifications.
TM2
TM3
Dead time
30us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com