Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 73 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 73 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 69Page - PADAUK Technology. PFS122 Datasheet HTML 70Page - PADAUK Technology. PFS122 Datasheet HTML 71Page - PADAUK Technology. PFS122 Datasheet HTML 72Page - PADAUK Technology. PFS122 Datasheet HTML 73Page - PADAUK Technology. PFS122 Datasheet HTML 74Page - PADAUK Technology. PFS122 Datasheet HTML 75Page - PADAUK Technology. PFS122 Datasheet HTML 76Page - PADAUK Technology. PFS122 Datasheet HTML 77Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 73 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
7.1. Data Transfer Instructions
mov
a, I
Move immediate data into ACC.
Example:
mov
a, 0x0f;
Result:
a ← 0fh;
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
mov
M, a
Move data from ACC into memory
Example:
mov
MEM, a;
Result:
MEM ← a
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
mov
a, M
Move data from memory into ACC
Example:
mov
a, MEM ;
Result:
a ← MEM; Flag Z is set when MEM is zero.
Affected flags: 『Y』Z
『N』C
『N』AC
『N』OV
mov
a, IO
Move data from IO into ACC
Example:
mov
a, pa ;
Result:
a ← pa; Flag Z is set when pa is zero.
Affected flags: 『Y』Z
『N』C
『N』AC
『N』OV
mov
IO, a
Move data from ACC into IO
Example:
mov
pb, a;
Result:
pb ← a
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
ldt16
word
Move 16-bit counting values in Timer16 to memory in word.
Example:
ldt16
word;
Result:
word ← 16-bit timer
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
word
T16val ;
// declare a RAM word
…
clear
lb@ T16val ;
// clear T16val (LSB)
clear
hb@ T16val ;
// clear T16val (MSB)
stt16
T16val ;
// initial T16 with 0
…
set1
t16m.5 ;
// enable Timer16
…
set0
t16m.5 ;
// disable Timer 16
ldt16
T16val ;
// save the T16 counting value to T16val
….
------------------------------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com