Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 65 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 65 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 61Page - PADAUK Technology. PFS122 Datasheet HTML 62Page - PADAUK Technology. PFS122 Datasheet HTML 63Page - PADAUK Technology. PFS122 Datasheet HTML 64Page - PADAUK Technology. PFS122 Datasheet HTML 65Page - PADAUK Technology. PFS122 Datasheet HTML 66Page - PADAUK Technology. PFS122 Datasheet HTML 67Page - PADAUK Technology. PFS122 Datasheet HTML 68Page - PADAUK Technology. PFS122 Datasheet HTML 69Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 65 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
6.10.Port B Digital Input Enable Register (pbdier), IO address = 0x0e
Bit
Reset
R/W
Description
7 - 6
11
WO
Enable PB7~PB6 digital input and wake-up event.
1 / 0 : enable / disable
These bits can be set to low to prevent leakage current when PB7~PB6 are assigned as AD
inputs. When disable is selected, the wake-up function and interrupt requests from these
pins are also disabled.
5
1
WO
Enable PB5 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit can be set to low to prevent leakage current when PB5 is assigned as AD input, and
to disable wake-up from PB5 toggling and interrupt request from this pin.
4 - 1
1111
WO
Enable PB47~PB1 digital input and wake-up event.
1 / 0 : enable / disable
These bits can be set to low to prevent leakage current when PB4~PB1 are assigned as AD
inputs. When disable is selected, the wake-up function and interrupt requests from these
pins are also disabled.
0
1
WO
Enable PB0 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit can be set to low to prevent leakage current when PB0 is assigned as AD input, and
to disable wake-up from PB0 toggling and interrupt request from this pin.
6.11. Port A Data Register (pa), IO address = 0x10
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Data register for Port A.
6.12. Port A Control Register (pac), IO address = 0x11
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Port A control registers. This register is used to define input mode or output mode for each
corresponding pin of port A.
0 / 1: input / output
6.13. Port A Pull-High Register (paph), IO address = 0x12
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Port A pull-high register. This register is used to enable the internal pull-high device on each
corresponding pin of port A and this pull high function is active only for input mode.
0 / 1 : disable / enable
6.14. Port A Pull-Low Register (papl), IO address = 0x13
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
PA pull-low register. 0 / 1: Disable / Enable.
6.15. Port B Data Register (pb), IO address = 0x15
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Data register for Port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com