Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 64 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 64 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 60Page - PADAUK Technology. PFS122 Datasheet HTML 61Page - PADAUK Technology. PFS122 Datasheet HTML 62Page - PADAUK Technology. PFS122 Datasheet HTML 63Page - PADAUK Technology. PFS122 Datasheet HTML 64Page - PADAUK Technology. PFS122 Datasheet HTML 65Page - PADAUK Technology. PFS122 Datasheet HTML 66Page - PADAUK Technology. PFS122 Datasheet HTML 67Page - PADAUK Technology. PFS122 Datasheet HTML 68Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 64 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
6.8. Interrupt Edge Select Register (integs), IO address = 0x0c
Bit
Reset
R/W
Description
7 - 5
-
-
Reserved.
4
0
WO
Timer16 edge selection.
0 : rising edge of the selected bit to trigger interrupt
1 : falling edge of the selected bit to trigger interrupt
3 - 2
00
WO
PB0/PA4 edge selection.
00: both rising edge and falling edge of the selected bit to trigger interrupt
01: rising edge of the selected bit to trigger interrupt
10: falling edge of the selected bit to trigger interrupt
11: reserved.
1 - 0
00
WO
PA0/PB5 edge selection.
00 : both rising edge and falling edge of the selected bit to trigger interrupt
01 : rising edge of the selected bit to trigger interrupt
10 : falling edge of the selected bit to trigger interrupt
11 : reserved.
6.9. Port A Digital Input Enable Register (padier), IO address = 0x0d
Bit
Reset
R/W
Description
7
1
WO
Enable PA7 digital input and wake-up event.
1 / 0 : enable / disable
This bit should be set to low to prevent leakage current when external crystal oscillator is
used. If this bit is set to low, PA7 can NOT be used to wake-up the system.
6
1
WO
Enable PA6 digital input and wake-up event.
1 / 0 : enable / disable
This bit should be set to low to prevent leakage current when external crystal oscillator is
used. If this bit is set to low, PA6 can NOT be used to wake-up the system.
5
1
WO
Enable PA5 digital input and wake-up event.
1 / 0 : enable / disable
This bit can be set to low to disable PA5 digital input and wake-up function.
4
1
WO
Enable PA4 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit can be set to low to prevent leakage current when PA0 is assigned as AD input,
and to disable wake-up from PA4 toggling and interrupt request from this pin.
3
1
WO
Enable PA3 digital input and wake-up event.
1 / 0 : enable / disable
This bit should be set to low when PA3 is assigned as AD input to prevent leakage
current. If this bit is set to low, PA3 can NOT be used to wake-up the system.
2 - 1
-
-
Reserved.
0
1
WO
Enable PA0 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit can be set to low to prevent leakage current when PA0 is assigned as AD input,
and to disable wake-up from PA0 toggling and interrupt request from this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com