Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 32 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 32 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 28Page - PADAUK Technology. PFS122 Datasheet HTML 29Page - PADAUK Technology. PFS122 Datasheet HTML 30Page - PADAUK Technology. PFS122 Datasheet HTML 31Page - PADAUK Technology. PFS122 Datasheet HTML 32Page - PADAUK Technology. PFS122 Datasheet HTML 33Page - PADAUK Technology. PFS122 Datasheet HTML 34Page - PADAUK Technology. PFS122 Datasheet HTML 35Page - PADAUK Technology. PFS122 Datasheet HTML 36Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 32 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
resonator, please refer to its specification for proper values of C1 and C2.
Frequency
C1
C2
Measured
Start-up time
Conditions
4MHz
4.7pF
4.7pF
6ms
(eoscr[6:5]=11, misc.6=0)
1MHz
10pF
10pF
11ms
(eoscr[6:5]=10, misc.6=0)
32KHz
22pF
22pF
450ms
(eoscr[6:5]=01, misc.6=0)
Table 4: Recommend values of C1 and C2 for crystal and resonator oscillators
When using the crystal oscillator, user must pay attention to the stable time of oscillator after enabling it, the
stable time of oscillator will depend on frequency “crystal type” external capacitor and supply voltage. Before
switching the system to the crystal oscillator, user must make sure the oscillator is stable; the reference
program is shown as below:
void
FPPA0 (void)
{
. ADJUST_IC
SYSCLK=IHRC/16, IHRC=16MHz, VDD=5V
$
EOSCR
Enable, 4MHz;
// EOSCR = 0b110_00000;
$
T16M EOSC, /1, BIT13;
// T16 receive 2^14=16384 clocks of crystal EOSC,
// Intrq.T16 =>1, crystal EOSC Is stable
WORD
count =
0;
stt16 count;
Intrq.T16
=
0;
do
{
nop; }while(!Intrq.T16);
// count from 0x0000 to 0x2000, then set INTRQ.T16
clkmd =
0xB4;
// switch system clock to EOSC;
Clkmd.4 = 0;
// disable IHRC
...
Please notice that the crystal oscillator should be fully turned off before entering the power-down mode, in
order to avoid unexpected wake-up event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com