Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 53 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 53 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 49Page - PADAUK Technology. PFS122 Datasheet HTML 50Page - PADAUK Technology. PFS122 Datasheet HTML 51Page - PADAUK Technology. PFS122 Datasheet HTML 52Page - PADAUK Technology. PFS122 Datasheet HTML 53Page - PADAUK Technology. PFS122 Datasheet HTML 54Page - PADAUK Technology. PFS122 Datasheet HTML 55Page - PADAUK Technology. PFS122 Datasheet HTML 56Page - PADAUK Technology. PFS122 Datasheet HTML 57Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 53 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
5.10 Power-Save and Power-Down
There are three operational modes defined by hardware: ON mode, Power-Save mode and Power-Down
modes. ON mode is the state of normal operation with all functions ON, Power-Save mode (“stopexe”) is the
state to reduce operating current and CPU keeps ready to continue, Power-Down mode (“stopsys”) is used
to save power deeply. Therefore, Power-Save mode is used in the system which needs low operating power
with wake-up periodically and Power-Down mode is used in the system which needs power down deeply with
seldom wake-up.
5.10.1
Power-Save mode (“stopexe”)
Using “stopexe” instruction to enter the Power-Save mode, only system clock is disabled, remaining all
the oscillator modules active. For CPU, it stops executing; however, for Timer16, counter keep counting
if its clock source is not the system clock. The wake-up sources for “stopexe” can be IO-toggle or
Timer16 counts to set values when the clock source of Timer16 is IHRC or ILRC modules, or wake-up
by comparator when setting GPCC.7=1 and GPCS.6=1 to enable the comparator wake-up function at
the same time. Wake-up from input pins can be considered as a continuation of normal execution, the
detail information for Power-Save mode shows below:
 IHRC and EOSC oscillator modules: No change, keep active if it was enabled.
 ILRC oscillator modules: must remain enabled, need to start with ILRC when be wakening up.
 System clock: Disable, therefore, CPU stops execution.
 MTP memory is turned off.
 Timer counter: Stop counting if system clock is selected or the corresponding oscillator module is
disabled; otherwise, it keeps counting. (The Timer contains TM16, TM2, TM3.)
 Wake-up sources:
a. IO toggle wake-up: IO toggling in digital input mode (PxC bit is 1 and PxDIER bit is 1)
b. Timer wake-up: If the clock source of Timer is not the SYSCLK, the system will be awakened
when the Timer counter reaches the set value.
c. Comparator wake-up: It need setting GPCC.7=1 and GPCS.6=1 to enable the comparator
wake-up function at the same time.
An example shows how to use Timer16 to wake-up from “stopexe”:
$ T16M
ILRC, /1, BIT8
// Timer16 setting
$ INTEGS
BIT_R, xxx;
// BITx 0 to 1 will trigger (default)
…
WORD
count =
0;
STT16
count;
stopexe;
…
The initial counting value of Timer16 is zero and the system will be woken up after the Timer16 counts
256 ILRC clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com