Electronic Components Datasheet Search
  English  ▼

X  

PFS122 Datasheet(PDF) 87 Page - PADAUK Technology.

Part # PFS122
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS122 Datasheet(HTML) 87 Page - PADAUK Technology.

Back Button PFS122 Datasheet HTML 83Page - PADAUK Technology. PFS122 Datasheet HTML 84Page - PADAUK Technology. PFS122 Datasheet HTML 85Page - PADAUK Technology. PFS122 Datasheet HTML 86Page - PADAUK Technology. PFS122 Datasheet HTML 87Page - PADAUK Technology. PFS122 Datasheet HTML 88Page - PADAUK Technology. PFS122 Datasheet HTML 89Page - PADAUK Technology. PFS122 Datasheet HTML 90Page - PADAUK Technology. PFS122 Datasheet HTML 91Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
PFS122
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 87 of 93
PDK-DS-PFS122-EN_V000-May 28, 2020
8. Code Options
Option
Selection
Description
Security
Enable
MTP content is protected and program cannot be read back
Disable
MTP content is not protected so program can be read back
LVR
4.0V
Select LVR = 4.0V
3.5V
Select LVR = 3.5V
3.0V
Select LVR = 3.0V
2.7V
Select LVR = 2.7V
2.5V
Select LVR = 2.5V
2.2V
Select LVR = 2.2V
2.0V
Select LVR = 2.0V
1.8V
Select LVR = 1.8V
Boot-up_Time
Slow
Please refer to tWUP and tSBP in Section 4.1
Fast
Please refer to tWUP and tSBP in Section 4.1
Interrupt Src0
PA.0
INTEN/ INTRQ.Bit0 is from PA.0
PB.5
INTEN/ INTRQ.Bit0 is from PB.5
Interrupt Src1
PB.0
INTEN/ INTRQ.Bit1 is from PB.0
PA.4
INTEN/ INTRQ.Bit1 is from PA.4
PB4_PB7_Drive
Normal
PB4 & PB7 Drive / Sink Current is Normal
Strong
PB4 & PB7 Drive / Sink Current is Strong (ICE does NOT support.)
Comparator
Edge
All_Edge
The comparator will trigger an interrupt on both the rising edge or falling edge
Rising_Edge
The comparator will trigger an interrupt on the rising edge
Falling_Edge
The comparator will trigger an interrupt on the falling edge
GPC_PWM
Disable
Comparator does not control all PWM outputs
Enable
Comparator controls all PWM outputs (ICE does NOT support.)
TMx_Source
16MHZ
When tm2c[7:4]= 0010, TM2 clock source = IHRC = 16MHZ
When tm3c[7:4]= 0010, TM3 clock source = IHRC = 16MHZ
32MHZ
When tm2c[7:4]= 0010, TM2 clock source = IHRC*2 = 32MHZ
When tm3c[7:4]= 0010, TM3 clock source = IHRC*2 = 32MHZ
(ICE does NOT support.)
TMx_Bit
6 Bit
When tm2s.7=1, TM2 PWM resolution is 6 Bit
When tm3s.7=1, TM3 PWM resolution is 6 Bit
7 Bit
When tm2s.7=1, TM2 PWM resolution is 7 Bit
When tm3s.7=1, TM3 PWM resolution is 7 Bit
(ICE does NOT support.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com