Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.8 Electrical Characteristics (Single)
VS = 1.8 V to 5 V, VCM = VS / 2; minimum and maximum values are at TA = –40°C to +125°C (unless otherwise noted).
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VS = 1.8 V and 5 V, VCM = VS / 2
±0.5
±8
mV
VHYS
Hysteresis
VS = 1.8 V and 5 V, VCM = VS / 2
1.2
4.2
14
mV
VCM
Common-mode voltage range
VS = 2.5 V to 5 V
VEE
VCC + 0.1
V
VS = 1.8 V to 2.5 V
VEE + 0.1
VCC + 0.1
IB
Input bias current
5
pA
IOS
Input offset current
1
pA
VOH
Output voltage high (for TLV7011
only)
VS = 5 V, IO = 3 mA
4.7
4.8
V
VOL
Output voltage low
VS = 5 V, IO = 3 mA
120
220
mV
ILKG
Open-drain output leakage current
(TLV7021 only)
VS = 5 V, VID = +0.1 V (output high), VPULLUP =
VCC
100
pA
CMRR
Common-mode rejection ratio
VEE < VCM < VCC, VS = 5 V
78
dB
PSRR
Power supply rejection ratio
VS = 1.8 V to 5 V, VCM = VS / 2
78
dB
ISC
Short-circuit current
VS = 5 V, sourcing
65
mA
VS = 5 V, sinking
44
ICC
Supply current
VS = 1.8 V, no load, VID = –0.1 V (Output Low)
5
10
µA
(1)
During power on, VS must exceed 1.6 V for tON before the output tracks the input.
6.9 Switching Characteristics (Single)
Typical values are at TA = 25°C, VCC = 5 V, VCM = 2.5 V; CL = 15 pF, input overdrive = 100 mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high-to-low
(RP = 2.5 kΩ TLV7021 only)
Midpoint of input to midpoint of output, VOD =
100 mV
260
ns
tPLH
Propagation delay time, low-to-high
(RP = 2.5 kΩ TLV7021 only)
Midpoint of input to midpoint of output, VOD =
100 mV
310
ns
tR
Rise time (for TLV7011 only)
20% to 80%
5
ns
tF
Fall time
80% to 20%
5
ns
tON
Power-up time (1)
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com