Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
TLV7
VCC = 3.5 V
VCC = 5.5 V
VCC (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
10
20
30
40
50
60
TLV7
TLV7
-40qC
25qC
85qC
125qC
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
TLV7
VCC = 3.5 V
VCC = 5.5 V
IOUT (mA)
0.1
0.2
0.3 0.4 0.5 0.7
1
2
3
4
5
5
0
0.05
0.1
0.15
0.2
0.25
TLV7
-40qC
25qC
125qC
IOUT (mA)
0.1
1
5
5
4.75
4.8
4.85
4.9
4.95
5
TLV7
-4q0C
25qC
85qC
125qC
IOUT (mA)
0.1
0.2
0.3
0.4
0.5
0
0.01
0.02
0.03
0.04
0.05
TLV7
-40qC
25qC
125qC
12
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VCC = 5 V, VEE = 0 V, VCM = VCC/2, CL = 15 pF
VCC = 5 V
Figure 15. TLV701x Output Voltage High vs. Output Source
Current
VCC = 1.8 V
Figure 16. Output Voltage Low vs. Output Sink Current
VCC = 5 V
Figure 17. Output Voltage Low vs. Output Sink Current
VCM = VCC/2
Figure 18. Output Short-Circuit (Sink) Current vs.
Temperature
VCM = VCC/2
Figure 19. TLV701x Output Short-Circuit (Source) Current
vs. Temperature
VCM = VCC/2
Figure 20. Output Short Circuit (Sink) vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com