Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
0.01
0.1
1
10
100
1000
10000
TLV7
IOUT (mA)
0.1
0.2
0.3
0.4
0.5
1.75
1.755
1.76
1.765
1.77
1.775
1.78
1.785
1.79
1.795
1.8
TLV7
-40qC
25qC
85qC
125qC
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
4.8
5.6
6.4
7.2
8
8.8
9.6
10.4
11.2
VCM = 0V
VCM = VCC/2
VCM = VCC
VCM (V)
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
-40°C
25°C
85°C
125°C
Hysteresis (mV)
0
5
10
15
20
25
30
35
40
4
5
6
7
3
TLV7
VCM (V)
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
TLV7
-40qC
25qC
85qC
125qC
11
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VCC = 5 V, VEE = 0 V, VCM = VCC/2, CL = 15 pF
VCC = 5.0V
Figure 9. TLV70x1 Hysteresis vs. VCM
Distribution Taken From 10,777 Comparators
Figure 10. TLV70x1 Hysteresis Histogram
VCC = 1.8V - 5.0V
Figure 11. TLV70x2 Hysteresis vs. Temperature
VCC = 5.0V
Figure 12. TLV70x2 Hysteresis vs. VCM
VCC = 3.3V
Figure 13. Input Bias Current vs. Temperature
VCC = 1.8 V
Figure 14. TLV701x Output Voltage High vs. Output Source
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com