Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 16Page - Texas Instruments TLV7021 Datasheet HTML 17Page - Texas Instruments TLV7021 Datasheet HTML 18Page - Texas Instruments TLV7021 Datasheet HTML 19Page - Texas Instruments TLV7021 Datasheet HTML 20Page - Texas Instruments TLV7021 Datasheet HTML 21Page - Texas Instruments TLV7021 Datasheet HTML 22Page - Texas Instruments TLV7021 Datasheet HTML 23Page - Texas Instruments TLV7021 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
+
±
10M
10M
470 k
470 k
0.01 F
3 V
GND
TLV7011
Output to MCU
(Also to wake-up MCU)
R1
R2
R3
R4
IR LED
C1
U1
Vref
Copyright © 2017, Texas Instruments Incorporated
VOUT
VIN
VTH+ = 2.2 V
VIN
VOUT
VTH± = 1.1 V
Time (usec)
Time (usec)
50
100
150
200
20
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curve
Figure 36. Window Comparator Results
8.2.2 IR Receiver Analog Front End
A single TLV7011 device can be used to build a complete IR receiver analog front end (AFE). The nanoamp
quiescent current and low input bias current make it possible to be powered with a coin cell battery, which could
last for years.
Figure 37. IR Receiver Analog Front End Using TLV7011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com