Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments TLV7021 Datasheet HTML 17Page - Texas Instruments TLV7021 Datasheet HTML 18Page - Texas Instruments TLV7021 Datasheet HTML 19Page - Texas Instruments TLV7021 Datasheet HTML 20Page - Texas Instruments TLV7021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
+V
+5 V
CC
R
100 k
LOAD
W
V
O
R3
1 MW
R2
1 MW
R1
1 MW
V
IN
V
A
5 V
0 V
1.67 V
3.33 V
V
A2
V
A1
V
IN
V
O High
+V
CC
V
O Low
+V
CC
V
A1
R1
R2
R3
V
A2
R1
R2
R3
Copyright © 2016, Texas Instruments Incorporated
D
-
V = V
V
A
A1
A2
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
V
= V
A1
CC
´
R2
(R1 || R3) + R2
17
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV701x and TLV702x are micro-power comparators with reasonable response time. The comparators have
a rail-to-rail input stage that can monitor signals beyond the positive supply rail with integrated hysteresis. When
higher levels of hysteresis are required, positive feedback can be externally added. The push-pull output stage of
the TLV701x is optimal for reduced power budget applications and features no shoot-through current. When level
shifting or wire-ORing of the comparator outputs is needed, the TLV702x with its open-drain output stage is well
suited to meet the system needs. In either case, the wide operating voltage range, low quiescent current, and
micro-package of the TLV701x and TLV702x make these comparators excellent candidates for battery-operated
and portable, handheld designs.
8.1.1 Inverting Comparator With Hysteresis for TLV701x
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 33. When VIN at the inverting input is less than VA, the output voltage is
high (for simplicity, assume VO switches as high as VCC). The three network resistors can be represented as R1
|| R3 in series with R2. Equation 1 defines the high-to-low trip voltage (VA1).
(1)
When VIN is greater than VA, the output voltage is low, very close to ground. In this case, the three network
resistors can be presented as R2 || R3 in series with R1. Use Equation 2 to define the low to high trip voltage
(VA2).
(2)
Equation 3 defines the total hysteresis provided by the network.
(3)
Figure 33. TLV701x in an Inverting Configuration With Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com