Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 3Page - Cirrus Logic CS4614 Datasheet HTML 4Page - Cirrus Logic CS4614 Datasheet HTML 5Page - Cirrus Logic CS4614 Datasheet HTML 6Page - Cirrus Logic CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic CS4614 Datasheet HTML 10Page - Cirrus Logic CS4614 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
7
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
INDEPENDENT TIMING ENVIRONMENT (T
A = 0 to 70° C; PCIVDD = CVDD = CRYVDD = 3.3 V;
VDD5REF = 5 V; VDD5REF = 5 V; PCIGND = CGND = CRYGND = 0 V; Logic 0 = 0V, Logic 1 = 3.3 V;
Timing reference levels = 1.4 V; XTALI = 12.288 MHz; unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
SCLK output cycle time
tsclk
312
326
-
ns
FSYNC output cycle time (@SCLK falling edge)
tfsync
20000
20833
-
ns
SCLK falling to FSYNC transition
tpd7
-45
2
45
ns
LRCLK output cycle time (@ SCLK rising edge)
tlrclk
20000
20833
-
ns
SCLK rising to LRCLK transition
tpd8
-45
2
45
ns
SCLK falling to SDOUT/SDO2/SDO3 valid
tpd9
-2
45
ns
SDIN/SDIN2 valid to SCLK rising (SI1F2-0: 010, SI2F1-0: 00)
ts6
30
-
-
ns
SDIN/SDIN2 hold after SCLK rising
(SI1F2-0: 010, SI2F1-0: 00)
th6
30
-
-
ns
SDIN/SDIN2 valid to SCLK falling
(SI1F2-0: 011, SI2F1-0: 01)
ts7
30
-
-
ns
SDIN/SDIN2 hold after SCLK falling
(SI1F2-0: 011, SI2F1-0: 01)
th7
30
-
-
ns
XTAL frequency
12.287
12.288
12.289
MHz
XTALI high time
(Note 4)
35
-
-
ns
XTALI low time
(Note 4)
35
-
-
ns
MCLK output frequency
(Note 4)
12.287
12.288
12.289
MHz
SCLK
FSYNC
LRCLK
SDOUT/SD02/SD03
SDIN/SDIN2
SDIN/SDIN2
tsclk
tpd7
t fsync
t lrclk
tpd9
t pd8
15
0
15
0
ts6
17
16
0
17
16
0
19
18
0
19
18
0
th6
th7
ts7
Figure 4. Independent Timing Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com