Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 16Page - Cirrus Logic CS4614 Datasheet HTML 17Page - Cirrus Logic CS4614 Datasheet HTML 18Page - Cirrus Logic CS4614 Datasheet HTML 19Page - Cirrus Logic CS4614 Datasheet HTML 20Page - Cirrus Logic CS4614 Datasheet HTML 21Page - Cirrus Logic CS4614 Datasheet HTML 22Page - Cirrus Logic CS4614 Datasheet HTML 23Page - Cirrus Logic CS4614 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
23
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
CGND[4:0] - Core Ground Supply, Pins 67, 65, 62, 13, 18
Core / Stream Processor ground reference pins.
Serial Codec Interface
ABITCLK/SCLK - AC ‘97 Bit Clock / Serial Audio Data Clock, I/O, Pin 74
Master timing clock for serial audio data. In AC ’97 configurations, this pin is an input which
drives the timing for the AC ’97 interface, along with providing the source clock for the
CS4614. In external DAC configurations, it an output, providing the serial bit clock.
ASYNC/FSYNC - AC ‘97 Frame Sync / Serial Audio Frame Sync, I/O, Pin 77
Framing clock for serial audio data. In AC ’97 configurations, this pin is an output which
indicates the framing for the AC ’97 link. In external DAC configurations, this pin is an
FSYNC output, providing the left/right framing clock.
ASDOUT/SDOUT - AC ‘97 Data Out / Serial Audio Data Out, Output, Pin 75
AC ‘97 serial data out / Serial audio output data.
ARST# - AC ‘97 Reset, Output, Pin 78
AC ’97 link reset pin. This pin also functions as a general purpose reset output in non-AC ’97
configurations and will follow RST# to ground, but must be forced high by software.
ASDIN/SDIN - AC ‘97 Data In / Serial Audio Data In, Input, Pin 76
Serial audio input data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com