Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic CS4614 Datasheet HTML 10Page - Cirrus Logic CS4614 Datasheet HTML 11Page - Cirrus Logic CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic CS4614 Datasheet HTML 15Page - Cirrus Logic CS4614 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
DS292PP3
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
and Invalidate, I/O Read, I/O Write, Interrupt Ac-
knowledge, Special Cycles, and Dual Address Cy-
cle transactions are not generated.
The PCI bus transactions supported by the CS4614
device are summarized in Table 1. Note that no
Target Abort conditions are signalled by the de-
vice. Byte, Word, and Doubleword transfers are
supported for Configuration Space accesses. Only
Doubleword transfers are supported for Register or
Memory area accesses. Bursting is not supported
for host-initiated transfers to/from the CS4614 in-
ternal register space, RAM memory space, or PCI
configuration space (disconnect after first phase of
transaction is completed).
Configuration Space
The content and format of the PCI Configuration
Space is given in Table 2.
Initiator
Target
Type
PCI Dir
Host
Registers (BA0)
Mem Write
In
Host
Registers (BA0)
Mem Read
Out
Host
Memories (BA1)
Mem Write
In
Host
Memories (BA1)
Mem Read
Out
Host
Config Space 1
Config Write
In
Host
Config Space 1
Config Read
Out
DMA
Host System
Mem Write
Out
DMA
Host System
Mem Read
In
Table 1. PCI Interface Transaction Summary
Byte 3Byte 2Byte 1Byte 0
Offset
Device ID: R/O, 6003h
Vendor ID: R/O, 1013h
00h
Status Register, bits 15-0:
Bit 15 Detected Parity Error: Error Bit
Bit 14 Signalled SERR: Error Bit
Bit 13 Received Master Abort: Error Bit
Bit 12 Received Target Abort: Error Bit
Bit 11 Signalled Target Abort: Error Bit
Bit 10-9 DEVSEL Timing: R/O, 01b (medium)
Bit 8 Data Parity Error Detected: Error Bit
Bit 7 Fast Back to Back Capable: R/O 0
Bit 6 User Definable Features: R/O 0
Bit 5 66MHz Bus: R/O 0
Bit 4 New Capabilities: R/O 1
Bit 3-0Reserved: R/O 0000
Reset Status State: 0210h
Write of 1 to any error bit position clears it.
Command Register, bits 15-0:
Bit 15-10: Reserved, R/O 0
Bit 9 Fast B2B Enable: R/O 0
Bit 8 SERR Enable: R/W, default 0
Bit 7 Wait Control: R/O 0
Bit 6 Parity Error Response: R/W, default 0
Bit 5 VGA Palette Snoop: R/O 0
Bit 4 MWI Enable: R/O 0
Bit 3 Special Cycles: R/O 0
Bit 2 Bus Master Enable: R/W, default 0
Bit 1 Memory Space Enable: R/W, default 0
Bit 0 IO Space Enable: R/O 0
04h
Table 2. PCI Configuration Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com