Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4614 Datasheet HTML 1Page - Cirrus Logic CS4614 Datasheet HTML 2Page - Cirrus Logic CS4614 Datasheet HTML 3Page - Cirrus Logic CS4614 Datasheet HTML 4Page - Cirrus Logic CS4614 Datasheet HTML 5Page - Cirrus Logic CS4614 Datasheet HTML 6Page - Cirrus Logic CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
CS4614
Preliminary Product Bulletin
CrystalClear™
SoundFusion™ PCI Audio
Accelerator
FEATURES
s 255 MIPs SLIMD™ DSP Architecture
s DirectX™ 5.0 3D Positional Audio
s Fat Labs Approved 64-Voice Wavetable Synthesis
with Effects
s NetMeeting™ AEC Hardware Acceleration
s High Quality Hardware Sample Rate Conversion
(90+ dB Dynamic Range)
s PC/PCI Legacy Support
s DDMA Legacy Support
s CrystalClear Legacy Support (CCLS™)
s PCI 2.1 Compliant PCI Interface
s 96 Stream DMA Interface with Hardware Scat-
ter/Gather Support
s PCI Power Management (D0 through D3 Hot),
APM 1.2, and ACPI 1.0 Support
s AC ‘97 2.0 Link Codec Interface
s DirectInput™ Joystick Interface
s MPU-401 MIDI Input/Output Interface
s 3.3 V Power Supply (5 V tolerant I/O)
DESCRIPTION
The CS4614 is a high performance pin-compatible
upgrade to the 100-pin CS4610/11 PCI audio ac-
celerator. With the added legacy compatibility
modes, the CS4614 enables real mode DOS com-
patible PCI-only audio subsystems. This device,
combined with application and driver software,
provides a complete system solution for hardware
acceleration
of
Windows 95®
DirectSound®,
DirectSound3D®, DirectInput, and Wavetable Syn-
thesis. WDM drivers provide support for both
Windows 98 and Windows NT 5.0.
The CS4614 is based on the Cirrus Logic Crystal-
Clear Stream Processor (SP) DSP core. The SP
core is optimized for digital audio processing, and
is powerful enough to handle complex signal pro-
cessing tasks with ease. The SP core is supported
by a bus mastering PCI interface and a built-in
dedicated DMA engine with hardware scatter-
gather support. These support functions ensure
extremely efficient transfer of audio data streams
to and from host-based memory buffers, providing
a system solution with maximum performance and
minimal host CPU loading.
The all-digital CS4614 supports a variety of audio
I/O configurations including direct connection to
the CrystalClear CS4297 AC ‘97 Codec.
PC/PCI, DDMA, and CrystalClear Legacy support
provide PCI-only legacy games compatibility.
ORDERING INFORMATION
CS4614-CM 100-pin MQFP 20x14x3.07 mm
DS292PP3
JUN ‘98
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM


Similar Part No. - CS4614

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4610-CM CIRRUS-CS4610-CM Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4610C-CQ CIRRUS-CS4610C-CQ Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4611 CIRRUS-CS4611 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4611-CM CIRRUS-CS4611-CM Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
More results

Similar Description - CS4614

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4560 NSC-LM4560 Datasheet
380Kb / 54P
Advanced PCI Audio Accelerator
logo
Cirrus Logic
CS4281 CIRRUS-CS4281 Datasheet
549Kb / 36P
CrystalClear PCI Audio interface
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
CrystalClear SoundFusion PCI Audio Accelerator
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com