Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 11Page - Cirrus Logic CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic CS4614 Datasheet HTML 15Page - Cirrus Logic CS4614 Datasheet HTML 16Page - Cirrus Logic CS4614 Datasheet HTML 17Page - Cirrus Logic CS4614 Datasheet HTML 18Page - Cirrus Logic CS4614 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
15
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
for the serial digital audio ports varies depending
on the configuration. The primary configuration in-
cludes a CS4614 plus a CS4297.
The CS4614 communicates with the CS4297 over
the AC-link as specified in the Intel
® Audio Codec
‘97 Specification (version 1.03) with support for
the 2.0 extensions. A block diagram for the AC’97
Controller configuration is given in Figure 7. The
signal connections between the CS4614 and the
AC ’97 Codec are indicated in Figure 9. In this
configuration, the AC ’97 Codec is the timing mas-
ter for the digital audio link. The ASDOUT output
supports data transmission on all ten possible sam-
ple slots (output slots 3 - 12). The ASDIN input
supports receiving of audio sample data on all input
sample slots (input slots 3 - 12). The SDO2 and
SDO3 serial outputs are not supported in this con-
figuration.
MIDI Port
In the AC ’97 controller configuration, a bi-direc-
tional MIDI interface is provided to allow connec-
tion of external MIDI devices. The MIDI interface
includes 16-byte FIFOs for the MIDI transmit and
receive paths.
Joystick Port
In the AC ’97 controller configuration, a joystick
port is provided. The joystick port supports four
“coordinate” channels and four “button” channels.
The coordinate channels provide joystick position-
al information to the host, and the button channels
provide user button event information. The joystick
interface is capable of operating in the traditional
“polled” mode, but also provides a “hardware ac-
celerated” mode of operation wherein internal
counters are provided to assist the host with coordi-
nate position determination. The Joystick schemat-
ic is illustrated in Figure 10.
ABITCLK
ASYNC
ASDOUT
ASDIN
ARST#
MIDIIN
MIDIOUT
JACX, JACY, JBCX, JBCY
JAB1, JAB2, JBB1, JBB2
Joystick/
MIDI Port
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
24.576 MHz
CS4297
12.288 MHz
48 kHz
Figure 9. AC ‘97 Codec Connection Diagram
CS4614



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com