Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 6Page - Cirrus Logic CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic CS4614 Datasheet HTML 10Page - Cirrus Logic CS4614 Datasheet HTML 11Page - Cirrus Logic CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
DS292PP3
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
management. This implementation improves sys-
tem efficiency by minimizing the number of host
interrupts.
The CS4614 supports a variety of audio I/O config-
urations including a CS4297 CrystalClear AC ’97
Codec. The system’s flexibility is further enhanced
by the inclusion of a bi-directional serial MIDI
port, a joystick port, a hardware volume control in-
terface, and a serial data port which allows connec-
tion of an optional external EEPROM device.
Stream Processor DSP Core
The CS4614 Stream Processor (SP) is a custom
DSP core design which is optimized for processing
and synthesizing digital audio data streams. The SP
features a Somewhat Long Instruction Multiple
Data (SLIMD) modified dual Harvard architecture.
The device uses a 40-bit instruction word and oper-
ates on 32-bit data words. The SP includes two
Multiply-Accumulate (MAC) blocks and one 16-
bit Arithmetic and Logic Unit (ALU). The SP core
is conservatively rated at 255 Million Instructions
per second (255 MIPS) when running at a 85 MHz
internal clock speed. The MAC units perform dual
20-bit by 16-bit multiplies and have 40-bit accumu-
lators, providing higher quality than typical 16-bit
DSP architectures.
A programmable Phase Locked Loop (PLL) circuit
generates the high frequency internal SP clock
from a lower frequency input clock. The input to
the PLL may be from a crystal oscillator circuit or
the serial port clock ABITCLK/SCLK. Clock con-
trol circuitry allows gating of clocks to various in-
ternal functional blocks to conserve power during
power conservation modes, as well as during nor-
mal modes of operation when no tasks are being
executed.
Legacy Support
Legacy games are supported by CrystalClear Leg-
acy Support (CCLS), DDMA, or by the PC/PCI in-
terface.
In both motherboard and add-in card designs,
CCLS and DDMA provide support for legacy
games by providing a hardware interface that sup-
ports a Sound Blaster Pro compatible interface, as
well as support for FM, MPU-401, and joystick in-
terfaces. These hardware interfaces provide PCI-
only games compatibility for real-mode DOS and
Windows DOS-box support.
For motherboard designs, PC/PCI can be used by
connecting the PCGNT# and PCREQ# pins to the
appropriate pins on the south bridge motherboard
chip. The PC/PCI interface is compliant with In-
tel’s PC/PCI spec. (version 1.2). The BIOS must
enable the PC/PCI mechanism at boot time on both
the CS4614 and the south bridge.
SYSTEM ARCHITECTURES
A typical system diagram depicting connection of
the CS4614 to the CrystalClear CS4297 AC ’97
Codec is given in Figure 7. All analog audio inputs
and outputs are connected to the CS4297. Audio
data is passed between the CS4297 and the CS4614
over the serial AC-Link. The CS4614 provides a
hardware interface for connection of a joystick and
MIDI devices.
HOST INTERFACE
The CS4614 host interface is comprised of two sep-
arate interface blocks which are memory mapped
into host address space. The interface blocks can be
located anywhere in the host 32-bit physical ad-
dress space. The interface block locations are de-
fined by the addresses programmed into the two
Base Address Registers in the PCI Configuration
Space. These base addresses are normally set up by
the system’s Plug and Play BIOS. The first inter-
face block (located by Base Address 0) is a 4 kByte
register block containing general purpose configu-
ration, control, and status registers for the device.
The second interface block (located by Base Ad-
dress 1) is a 1 MByte block which maps all of the
internal RAM memories (SP Program RAM, Pa-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com