Electronic Components Datasheet Search
  English  ▼

X  

CS4614 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 13Page - Cirrus Logic CS4614 Datasheet HTML 14Page - Cirrus Logic CS4614 Datasheet HTML 15Page - Cirrus Logic CS4614 Datasheet HTML 16Page - Cirrus Logic CS4614 Datasheet HTML 17Page - Cirrus Logic CS4614 Datasheet HTML 18Page - Cirrus Logic CS4614 Datasheet HTML 19Page - Cirrus Logic CS4614 Datasheet HTML 20Page - Cirrus Logic CS4614 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
17
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
The EEPROM device read access sequence is
shown in the Figure 12. The timing follows that of
a random read sequence. The CS4614 first
performs
a
“dummy”
write
operation,
then
generates a start condition followed by the slave
device address and the byte address of zero. The
CS4614 always begins access at byte address zero
and continues access a byte at a time, using a
sequential read, until all needed bytes in the
EEPROM are read. Since only 7 bytes are needed,
the smallest EEPROM available will suffice.
GENERAL PURPOSE I/O PINS
Many of the CS4614 signal pins are internally mul-
tiplexed to serve different functions depending on
the environment in which the device is being used.
Several of the CS4614 signal pins may be used as
general purpose I/O pins when not required for oth-
er specific functions in a given application.
S 1 0 1 0 0 0 0 0 A 0 0 0 0 0 0 0 0 AS 1 0 1 0 0 0 0 1 A
Data
Data
P
1
A
Start
Part
Address
Start
Acknowledge
No
Acknowledge
Stop
Acknowledge
Data
EEPROM
Write
Read
Bank
Address
Part
Address
DSP
Figure 12. EEPROM Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com