Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 59Page - Analog Devices LTM4675 Datasheet HTML 60Page - Analog Devices LTM4675 Datasheet HTML 61Page - Analog Devices LTM4675 Datasheet HTML 62Page - Analog Devices LTM4675 Datasheet HTML 63Page - Analog Devices LTM4675 Datasheet HTML 64Page - Analog Devices LTM4675 Datasheet HTML 65Page - Analog Devices LTM4675 Datasheet HTML 66Page - Analog Devices LTM4675 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
LTC3883/LTC3883-1
63
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
the inductor DC resistance at the reference temperature
TREF and a is the temperature coefficient of the resistance.
Since most inductors are made of copper, we can expect
a temperature coefficient close to aCU = 3900ppm/°C.
For a given a, the remaining parameters θIS and R0 can
be calibrated at a single temperature using only two load
currents:
RO =
R2 – R1
(
) P2 + P1
(
) – R2 + R1
(
) P2 – P1
(
)
a T2 – T1
(
) P2 + P1
(
) – P2 – P1
(
) 2 + a T1+ T2 – 2TREF
[
]
(
)
θIS =
1
aRO
•
a R1+ R2
(
) T2 – T1
(
) – R2 – R1
(
) 2 + a T1+ T2 – 2TREF
[
]
(
)
a T2 – T1
(
) P2 + P1
(
) – P2 – P1
(
) 2 + a T1+ T2 – 2TREF
[
]
(
)
The inductor resistance, RK = VDCR(K)/IOUT(K), power dis-
sipation PK = VDCR(K) IOUT(K) and the sensed temperature
TK,(K=1,2)arerecordedforeachloadcurrent.Toincrease
theaccuracyincalculatingθIS,thetwoloadcurrentsshould
be chosen around I1 = 10% and I2 = 90% of the current
range of the system.
Theinductorthermaltimeconstantτmodelsthefirstorder
thermal response of the inductor and allows accurate DCR
compensation during load transients. During a transition
from low-to-high load current, the inductor resistance
increases due to the self-heating. If we apply a single load
step from the low current I1 to the higher current I2, the
voltage across the inductor will change instantaneously
from I1R1 to I2R1 and then slowly approach I2R2. Here R1
is the steady-state resistance at the given temperature and
load current I1, and R2 is the slightly higher DC resistance
at I2, due to the inductor self-heating. Note that the electri-
cal time constant τEL = L/R is several orders of magnitude
shorter than the thermal one, and “instantaneous” is rela-
tive to the thermal time constant. The two settled regions
give us the data sets (I1, T1, R1, P1) and (I2, T2, R2, P2)
and the 2-point calibration technique (1.3-1.4) is used to
extract the steady-state parameters θIS and R0 (given a
previously characterized average a). The relative current
error calculated using the steady-state expression (1.2)
will peak immediately after the load step, and then decay
to zero with the inductor thermal time constant τ.
∆I
I
t
( ) = a θIS V2I2 – V1I1
(
)e
– t/ τ
The time constant τ is calculated from the slope of the
best-fit line y = ln(∆I/I) = a1 + a2t:
τ = –
1
a2
In summary, a single load current step is all that is needed
to calibrate the DCR current measurement. The stable por-
tionsoftheresponsegiveusthethermalresistanceθISand
nominal DC resistance R0, and the settling characteristic
is used to measure the inductor thermal time constant τ.
To get the best performance, the temperature sensor has
to be as close as possible to the inductor and away from
other significant heat sources. For example in Figure 30,
the bipolar sense transistor is close to the inductor and
away from the switcher. Connecting the collector of the
PNPtothelocalpowergroundplaneassuresgoodthermal
contact to the inductor, while the base and emitter should
be routed to the LTC3883 separately, and the base con-
nected to the signal ground close to LTC3883.
LTpowerPlay: AN INTERACTIVE GUI FOR DIGITAL
POWER
LTpowerPlay is a powerful Windows-based development
environment that supports Linear Technology digital
power ICs including the LTC3883. The software supports
a variety of different tasks. LTpowerPlay can be used to
evaluate Linear Technology ICs by connecting to a demo
board or the user application. LTpowerPlay can also be
used in an offline mode (with no hardware present) in
order to build multiple IC configuration files that can be
saved and re-loaded at a later time. LTpowerPlay provides
unprecedented diagnostic and debug features. It becomes
a valuable diagnostic tool during board bring-up to pro-
gram or tweak the power system or to diagnose power
issues when bring up rails. LTpowerPlay utilizes Linear
Technology’s USB-to-I2C/SMBus/PMBus controller to
communication with one of the many potential targets
including the DC1778A demo board, the DC1890A sock-
eted programming board, or a customer target system.
The software also provides an automatic update feature
to keep the revisions current with the latest set of device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com