Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices LTM4675 Datasheet HTML 22Page - Analog Devices LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
LTC3883/LTC3883-1
23
Rev. F
For more information www.analog.com
Figure 3. Load Sharing Connections for 2-Phase Operation
OPERATION
current using the R value stored in the IIN_CAL_GAIN
command. The resulting measured powerstage current
is returned by the READ_IIN command.
The MFR_READ_IIN_CHAN command returns the calcu-
lated powerstage current based on the READ_IOUT value
multiplied by the READ_DUTY_CYCLE value.
The LTC3883 uses an internal 1Ω sense resistor to mea-
sure the VIN pin supply current being consumed by the
LTC3883.ThisvalueisreturnedbytheMFR_READ_ICHIP
command. Refer to the subsection titled Input Current
Sense Amplifier in the Applications Information section
for further detail.
LOAD SHARING
Multiple LTC3883’s can be arrayed in order to provide a
balanced load-share solution by bussing the necessary
pins. Figure 3 illustrates the shared connections required
for load sharing.
The frequency must only be programmed on one of the
LTC3883s. The other(s) must be programmed to External
Clock.
EXTERNAL/INTERNAL TEMPERATURE SENSE
Externaltemperaturecanbebestmeasuredusingaremote
diode-connected PNP transistor such as the MMBT3906.
The emitter should be connected to the TSNS pin while the
base and collector terminals of the PNP transistor should
be returned to the LTC3883’s GND pin, preferably using
a star connection. It is possible to connect the collector
of the PNP to the source of the bottom MOSFET. This may
optimize board layout allowing the PNP closer proximity
to the power FETs. The base of the PNP must still be tied to
ground.Forbestnoiseimmunity,theconnectionsshouldbe
routed differentially and a 10nF capacitor should be placed
100
100
100
100
LTC3883 + POWER STAGE
ITH
VIN
POWER STAGE
IIN_SNS
VIN_SNS
LTC3883 + POWER STAGE
ITH
NOTE: SOME CONNECTORS
AND COMPONENTS OMITTED
FOR CLARITY
ISENSE+
ISENSE–
VSENSE+
VSENSE–
CONTROL
VSUPPLY
SMBALERT
FAULT
PWM CLOCK
SHARE CLOCK
RUN
ALERT
GPIO
SYNC
SHARE_CLK
RUN
ALERT
GPIO
SYNC
SHARE_CLK
ISENSE+
ISENSE–
PGND
GND
PGND
3883 F03
GND
VSENSE+
VSENSE–
LOAD
IIN_SNS
VIN_SNS
VIN
POWER STAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com