Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
LTC3883/LTC3883-1
28
Rev. F
For more information www.analog.com
OPERATION
external temperature sensors and modifies the maximum
allowed ITH to compensate for this term.
The overcurrent fault processing circuitry can execute the
following behaviors:
n
Current Limit Indefinitely
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
Theovercurrentresponsescanbedeglitchedinincrements
of (0-7) • 16ms. See Table 7
RESPONSES TO TIMING FAULTS
TON_MAX_FAULT_LIMIT is the time allowed for VOUT to
rise and settle at start-up. The TON_MAX_FAULT_LIMIT
condition is predicated upon detection of the VOUT_UV_
FAULT_LIMIT as the output is undergoing a SOFT_START
sequence. The TON_MAX_FAULT_LIMIT time is started
after TON_DELAY has been reached and a SOFT_START
sequence is started. The resolution of the TON_MAX_
FAULT_LIMIT is 10µs. If the VOUT_UV_FAULT_LIMIT
is not reached within the TON_MAX_FAULT_LIMIT time,
the response of this fault is determined by the value of
the TON_MAX_FAULT_RESPONSE command value. This
response may be one of the following:
n
Ignore
n
Shut Down (Stop Switching) Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
This fault response is not deglitched. A value of 0 in
TON_MAX_FAULT_LIMIT means the fault is ignored. The
TON_MAX_FAULT_LIMIT should be set longer than the
TON_RISE time. It is recommended TON_MAX_FAULT_
LIMIT always be set to a non-zero value, otherwise the
outputmaynevercomeupandnoflagwillbesettotheuser.
See Table 9.
RESPONSES TO VIN OV FAULTS
VINovervoltageismeasuredwiththeMUX’dADC;therefore,
the response is naturally deglitched by the 80ms typical
response time of the ADC. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
See Table 9.
RESPONSES TO OT/UT FAULTS
Overtemperature Fault Response—Internal
An internal temperature sensor protects against NVM
damage.Above85°C,nowritestoNVMarerecommended.
Above 130°C, the part disables the NVM and does not re-
enableuntiltheinternaltemperaturehasdroppedto125°C.
The LTC3883 sets bit 7 of the STATUS_TEMPERATURE
command (‘OT Warn’) above 130°C, and this bit cannot
be cleared until the internal temperature has dropped to
125°C. Above 160°C, the LTC3883 disables the PWM and
does not re-enable the PWM until the internal temperature
has dropped to 150°C. The part sets bit 6 of the STATUS_
TEMPERATURE command (‘OT Fault’) above 160°C, and
thisbitcannotbecleareduntiltheinternaltemperaturehas
dropped to 150°C. Temperature is measured by the ADC.
Internal temperature faults cannot be ignored. Internal
temperature limits cannot be adjusted by the user.
See Table 9.
Overtemperature and Undertemperature
Fault Response—Externals
An external temperature sensors can be used to sense
critical circuit elements like the inductor and power
MOSFETs. The OT_FAULT_RESPONSE and UT_FAULT_
RESPOSE commands are used to determine the appropri-
ateresponsetoanovertemperatureandundertemperature
condition,respectively.Ifnoexternalsenseelementisused
(not recommended) set the UT_FAULT_RESPONSE to
ignore and set the UT_FAULT_LIMIT to –275°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com