Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
LTC3883/LTC3883-1
16
Rev. F
For more information www.analog.com
BLOCK DIAGRAM
16-BIT
ADC
PWM1
+
–
–+
–
–+
+
+
+
––
PWM0
–+
–
+
–
+
8:1
MUX
TMUX
2µA
ILIM DAC
(3 BITS)
OV
8-BIT
OV
DAC
8-BIT
UV
DAC
12-BIT
SET POINT
DAC
UV
EA
+
0.56V
1.22V
BURST
ITH
RC
CC1
GND
30µA
–
+
AO
R
R
9R
2R
GND
PWM
CLOCK
VOUT_CFG
R
VSENSE+
TSNS
VSENSE–
R
SWITCH
LOGIC
AND
ANTI-
SHOOT-
THROUGH
OV
RUN
SS
UVLO
REV
UV
ON
FCNT
31
30
32
15
VTRIM_CFG
17
FREQ_CFG
14
ASEL
3883 F01
13
9
11
PGND
CINTVCC
25
BG
DB
M1
INTVCC/EXTVCC
VDD33
26
ISENSE–
4
ISENSE+
3
SW
22
TG
CB
23
BOOST
24
VDD33
21
VIN
CVIN
28
1
INTVCC/EXTVCC (LTC3883-1)
27
M2
COUT
VOUT
+
3.3V
SUBREG
2.5V
SUBREG
5V REG
–
+
1
71.1k
ACTIVE
CLAMP
UVLO
INTVCC
SLOPE
COMPENSATION
SLAVE
VDD33
MISO
MOSI
CLK
MASTER
RAM
SYNC
RUN
10
PGOOD
GPIO
EEPROM
MAIN
CONTROL
PROGRAM
ROM
VDD33
COMPARE
ILIM RANGE SELECT
HI: 1:1
LO: 1:1.5
3k
38R
IIN
R
ICMP
IREV
29
33
1Ω
+
–
S
REF
VSTBY
GND
Q
PWM_CLOCK
VIN_SNS
RIINSNS
RVIN
VIN
CIN
2
IIN_SNS
R
8-BIT
VIN_ON
THRESHOLD DAC
PHASE DET
VCO
PHASE SELECTOR
CLOCK DIVIDER
SINC3
UVLO
OSC
(32MHz)
CONFIG
DETECT
CHANNEL
TIMING
MANAGEMENT
8
7
6
19
WP
SHARE_CLK
SCL
SDA
ALERT
PMBus
INTERFACE
(400kHz
COMPATIBLE)
20
SYNC
GND
M2
GND
VDD33
5
VDD25
18
VDD25
LTC3883
ONLY
19.5R
R
+
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com