Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
LTC3883/LTC3883-1
27
Rev. F
For more information www.analog.com
OPERATION
Device addressing provides the standard means of the
PMBus master communicating with a single instance
of an LTC3883. The value of the device address is set
by a combination of the ASEL configuration pin and the
MFR_ADDRESS command. Device addressing can be
disabled by writing a value of 0x80 to the MFR_ADDRESS.
Rail addressing provides a means of the PMBus master
addressing a set of LTC3883s connected to the same
output rail, simultaneously. This is similar to global ad-
dressing,however,thePMBusaddresscanbedynamically
assigned by using the MFR_RAIL_ADDRESS command.
It is recommended that rail addressing should be limited
to command write operations.
All four means of PMBus addressing require the user to
employdisciplinedplanningtoavoidaddressingconflicts.
RESPONSES TO VOUT AND IOUT FAULTS
VOUTOVandUVconditionsaremonitoredbycomparators.
The OV and UV limits are set in three ways.
n
As a Percentage of the VOUT if Using the Resistor Con-
figuration Pins
n
In NVM if Either Programmed at the Factory or Through
the GUI
n
By PMBus Command
The IIN and IOUT overcurrent monitors are performed by
ADC readings and calculations. Thus these values are
based on average currents and can have a time latency of
up to 80ms. The IOUT calculation accounts for the sense
resistor and the temperature coefficient of the resistor. The
input channel current is equal to the sum of output current
times the PWM duty cycle plus the input offset current
for each channel. If this calculated input current exceed
the IN_OC_WARN_LIMIT the ALERT pin is pulled low and
the IIN_OC_WARN bit is asserted in the STATUS_INPUT
command.
The digital processor within the LTC3883 provides the
ability to ignore the fault, shut down and latch off or shut
down and retry indefinitely (hiccup). The retry interval
is set in MFR_RETRY_DELAY and can be from 120ms
to 83.88 seconds in 1ms increments. The shutdown for
OV/UV and OC can be done immediately or after a user
selectable deglitch time.
Output Overvoltage Fault Response
A programmable overvoltage comparator (OV) guards
against transient overshoots as well as long-term over-
voltages at the output. In such cases, the top MOSFET is
turned off and the bottom MOSFET is turned on until the
overvoltage condition is cleared regardless of the PMBus
VOUT_OV_FAULT_RESPONSEcommandbytevalue.This
hardware level fault response delay is typically 2µs from
the overvoltage condition to BG asserted high. Using the
VOUT_OV_FAULT_RESPONSE command, the user can
select any of the following behaviors:
n
OV Pull-Down Only (OV cannot be ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
Either the Latch Off or Retry fault responses can be de-
glitched in increments of (0-7) • 10µs. See Table 5.
Output Undervoltage Response
The response to an undervoltage comparator output can
be either:
n
Ignore
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
The UV responses can be deglitched. See Table 6.
Peak Output Overcurrent Fault Response
Due to the current mode control algorithm, peak output
current across the inductor is always limited on a cycle by
cycle basis. The value of the peak current limit is specified
in sense voltage in the EC table. The current limit circuit
operatesbylimitingtheITHmaximumvoltage.IfDCRsens-
ing is used, the ITH maximum voltage has a temperature
dependency directly proportional to the TC of the DCR
of the inductor. The LTC3883 automatically monitors the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com