Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 71 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 67Page - Analog Devices LTM4675 Datasheet HTML 68Page - Analog Devices LTM4675 Datasheet HTML 69Page - Analog Devices LTM4675 Datasheet HTML 70Page - Analog Devices LTM4675 Datasheet HTML 71Page - Analog Devices LTM4675 Datasheet HTML 72Page - Analog Devices LTM4675 Datasheet HTML 73Page - Analog Devices LTM4675 Datasheet HTML 74Page - Analog Devices LTM4675 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
LTC3883/LTC3883-1
71
Rev. F
For more information www.analog.com
Bit[3] Setting this bit to a 1 starts the patent pending inductor DCR auto calibration to determine the DCR of the in-
ductor. This will update the value of IOUT_CAL_GAIN using the READ_IIN, READ_IOUT, and DUTY_CYCLE values.
IOUT_CAL_GAIN is adjusted so that READ_IOUT • DUTY_CYCLE = READ_IIN. The auto calibration procedure will only
complete successfully if the following conditions are met.
1) The PWM is enabled
2) DUTY_CYCLE is at least 3%
3) READ_IIN is at least 10mA
4) The calibrated IOUT_CAL_GAIN is within ±30% of the uncalibrated IOUT_CAL_GAIN
If any of the above conditions are not met, bit 0 of the STATUS_CML command will be set, and the value of IOUT_
CAL_GAIN will not be changed. Bit[3] must then be reset to a 0 by the user. A STORE_USER_ALL command must be
issued to store the updated IOUT_CAL_GAIN value into NVM.
Bit[1:0] determine the PWM mode of operation.
This command has one data byte.
MFR_PWM_CONFIG_LTC3883
The MFR_PWM_CONFIG_LTC3883 command sets the switching frequency and phase offset with respect to the fall-
ing edge of the SYNC signal. The part must be in the OFF state to process this command. The RUN pin must be low
or the part must be commanded off. If the part is in the RUN state and this command is written, the command will be
ignored and a BUSY fault will be asserted. Bit 6 of this command affects the loop gain of the PWM output which may
require modifications to the external compensation network.
BIT
MEANING
7
Reserved, set to 0.
6
If VOUT RANGE = 1, the maximum output voltage is 2.75V.
If RANGE = 0, the maximum output voltage is 5.5V.
5
Reserved
4
Share Clock Enable : If this bit is 1, the SHARE_CLK pin
will not be released until VIN > VIN_ON. The SHARE_CLK
pin will be pulled low when VIN < VIN_OFF. If this bit is
0, the SHARE_CLK pin will not be pulled low when VIN <
VIN_OFF except for the initial application of VIN.
3
Reserved, set to 0
BIT [2:0]
Phase Offset
000b
0
001b
90
010b
180
011b
270
100b
60
101b
120
110b
240
111b
300
This command has one data byte.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com