Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 92 Page - Analog Devices

Part # LTM4675
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 92 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 88Page - Analog Devices LTM4675 Datasheet HTML 89Page - Analog Devices LTM4675 Datasheet HTML 90Page - Analog Devices LTM4675 Datasheet HTML 91Page - Analog Devices LTM4675 Datasheet HTML 92Page - Analog Devices LTM4675 Datasheet HTML 93Page - Analog Devices LTM4675 Datasheet HTML 94Page - Analog Devices LTM4675 Datasheet HTML 95Page - Analog Devices LTM4675 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
LTC3883/LTC3883-1
92
Rev. F
For more information www.analog.com
Fault Sharing Response
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_GPIO_RESPONSE
0xD5
Action to be taken by the device when the GPIO pin
is asserted low.
R/W Byte
Reg
Y
0xC0
MFR_GPIO_RESPONSE
This command determines the controller’s response to the GPIO pin being pulled low by an external source.
VALUE
MEANING
0xC0
GPIO_INHIBIT The LTC3883 will three-state the output in response to the GPIO pin pulled low.
0x00
GPIO_IGNORE The LTC3883 continues operation without interruption.
The device also:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the MFR bit in the STATUS_WORD
• Sets the GPIO bit in the STATUS_MFR_SPECIFIC command, and notifies the host by asserting ALERT pin. The ALERT
pin pulled low can be disabled by setting bit[1] of MFR_CHAN_CFG_LTC3883.
This command has one data byte.
SCRATCHPAD
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
USER_DATA_00
0xB0
OEM reserved. Typically used for part serialization.
R/W Word
Reg
Y
NA
USER_DATA_01
0xB1
Manufacturer reserved for LTpowerPlay.
R/W Word
Reg
Y
NA
USER_DATA_02
0xB2
OEM reserved. Typically used for part serialization.
R/W Word
Reg
Y
NA
USER_DATA_03
0xB3
A NVM word available for the user.
R/W Word
Reg
Y
0x0000
USER_DATA_04
0xB4
A NVM word available for the user.
R/W Word
Reg
Y
0x0000
USER_DATA_00 THROUGH USER_DATA_04
These commands are non-volatile memory locations for customer storage. The customer has the option to write any
value to the USER_DATA_nn at any time. However, the LTpowerPlay software and contract manufacturers use some of
these commands for inventory control. Modifying the reserved USER_DATA_nn commands may lead to undesirable
inventory control and incompatibility with these products.
These commands have 2 data bytes and are in register format.
IDENTIFICATION
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PMBUS_REVISION
0x98
PMBus revision supported by this device. Current revision is 1.1.
R Byte
Reg
FS
0x11
CAPABILITY
0x19
Summary of PMBus optional communication protocols
supported by this device.
R Byte
Reg
0xB0
MFR_ID
0x99
The manufacturer ID of the LTC3883 in ASCII.
R String
ASC
LTC
MFR_MODEL
0x9A
Manufacturer part number in ASCII.
R String
ASC
LTC3883
MFR_SPECIAL_ID
0xE7
Manufacturer code representing the LTC3883.
R Word
Reg
0x430X
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com