Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 26Page - Infineon Technologies AG TDA5340 Datasheet HTML 27Page - Infineon Technologies AG TDA5340 Datasheet HTML 28Page - Infineon Technologies AG TDA5340 Datasheet HTML 29Page - Infineon Technologies AG TDA5340 Datasheet HTML 30Page - Infineon Technologies AG TDA5340 Datasheet HTML 31Page - Infineon Technologies AG TDA5340 Datasheet HTML 32Page - Infineon Technologies AG TDA5340 Datasheet HTML 33Page - Infineon Technologies AG TDA5340 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Functional Overview
Data Sheet
30
Revision 1.2, 13.06.2012
Since the digital FSK demodulator determines the exact frequency offset between the received input frequency
and the programmed input center frequency of the receiver, this offset can be corrected through the sigma delta
control of the PLL.
2.6.8.4
Digital Automatic Gain Control Unit (AGC)
Automatic Gain Control (AGC) is necessary mainly because of the limited dynamic range of the on-chip bandpass
filter (BPF). The BPF dynamic range reduces to less than 60dB in case of minimum BPF bandwidth.
AGC is used to cover the following cases:
•
1. ASK demodulation at large input signals
•
2. RSSI reading at large input signals
•
3. Improve IIP3 performance in either FSK or ASK mode
The 1st IF buffer can be fine tuned "manually" by means of 4 bits thus optimizing the overall gain to the application
(attenuation of 0dB to -12dB by means of IFATT0 to IFATT15). This buffer allows the production spread of external
components to be trimmed.
The gain of the 2nd IF path is set to three different values by means of an AGC algorithm. Depending on whether
the receiver is used in single down conversion or in double down conversion mode the gain control in the 2nd IF
path is either after the 2nd poly-phase network or in front of the 2nd mixer.
The AGC action is illustrated in the RSSI curve below:
Figure 14
Analog RSSI output curve with AGC action ON (blue) vs. OFF (black)
Limiter
noise floor
Front-end
noise x gain
Mixer2
saturation
Input power
Analog (blue) &
digital (black )
RSSI output
Min. FE gain
(IFA TT 15)
BPF
saturation
margin
Analog AGC
attack point
Max. FE gain
(IFA TT 0)
Max. B W
Min. B W
Analog AGC
decay point
hysteresis
BPF bypassed
AGC OFF
AGC ON
Max. B W
Min. B W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com