Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 28Page - Infineon Technologies AG TDA5340 Datasheet HTML 29Page - Infineon Technologies AG TDA5340 Datasheet HTML 30Page - Infineon Technologies AG TDA5340 Datasheet HTML 31Page - Infineon Technologies AG TDA5340 Datasheet HTML 32Page - Infineon Technologies AG TDA5340 Datasheet HTML 33Page - Infineon Technologies AG TDA5340 Datasheet HTML 34Page - Infineon Technologies AG TDA5340 Datasheet HTML 35Page - Infineon Technologies AG TDA5340 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Functional Overview
Data Sheet
32
Revision 1.2, 13.06.2012
Clock Recovery is implemented as standard ADPLL PI regulator with Timing Extrapolation Unit for fast settling. In
the unlocked state, the Timing Extrapolation Unit calculates the frequency offset for the incoming data stream. If
the defined number of Bi-phase encoded bits are detected (the RUNIN length can be set in the x_CDRRI register),
the I-part and the PLL oscillator will be set and the PLL will be locked. When x_CDRRI.RUNLEN is set to small
values, then the I-part is less accurate (residual error) and can lead to a longer needed PLL settling time and worse
performance in the first following bits. Therefore the selected default value is a good compromise between fast
symbol synchronization and accuracy/performance. Duty cycle and data rate acceptance limits are adjustable via
registers. After locking, the clock must be stable and must follow the reference input. Therefore, a rapid settling
procedure (Timing Extrapolation Unit) and a slow PLL are implemented. If the PLL is locked, the reference signal
from the Clock Recovery Slicer is used in the phase detector block to compute the actual error. The error is used
in the PI loop filter to set the digital controlled oscillator running frequency. For the P, I and Timing Extrapolation
Unit settings, the default values for the x_CDRP and x_CDRI control registers are recommended.The PLL will be
unlocked, if a code violation of more than the defined length is detected, which is set in the x_TVWIN control
register. Another criterion for PLL resynchronization is an End Of Message (EOM) signalled by the Framer block.
The PLL oscillator generates the chip clock frequency is equal to 2 times the data rate.
2.6.8.7
Wake-Up Generator
A wake-up generation unit is used only in the Self Polling Mode for the detection of a predefined wake-up criterion
in the received pattern. There are two groups of configurable wake-up criteria:
•
Wake-up on Level criteria
•
Wake-up on Data criteria
The search for the wake-up data criterion is started if data chip synchronization has occurred within the predefined
number of symbols, otherwise the wake-up search is aborted. Several different wake-up patterns, like random bit,
equal bit, bit pattern or bit synchronization, are programmable.Additional level criterion fulfilment for RSSI or Signal
Recognition can lead to a fast wake-up and to a change to Run Mode Self Polling. Whenever one of these Wake-
up Level criteria is enabled and exceeds a programmable threshold, a wake-up has been detected.The Wake-up
Level criterion can be used very effectively in combination with the Ultrafast Fall Back to SLEEP Mode for further
decreasing the needed active time of the autonomous receive mode. A configurable observation time for Wake-
up on Level can be set in the x_WULOT register.
2.6.8.8
Frame Synchronization
The Frame Synchronization Unit (Framer) synchronizes to a specific pattern to identify the exact start of a payload
data frame within the data stream. This pattern is called Telegram Start Identifier (TSI).There are different TSI
modes selectable via the configuration:
•
16-Bit TSI Mode, supporting a TSI length of up to 16 bits or 32 chips
•
8-Bit Parallel TSI Mode, supporting two independent TSI pattern of up to 8 bits length each. Different payload
length is possible for these two TSI pattern.
•
8-Bit Extended TSI Mode, identical to 8-Bit Parallel TSI Mode, but identifies which pattern matches by adding
a single bit at the beginning of the data frame
•
8-Bit TSI Gap Mode, supporting two independent TSI pattern separated by a discontinuity
All SFRs configuring the Frame Synchronization Unit support the Multi-Configuration capability (Config A, B, C
and D). The Framer starts working in Run Mode Slave after Symbol Sync found and in Self Polling Mode after
wake-up found and searches for a frame until TSI is found or synchronization is lost. The input of the Framer is a
sequence of Bi-phase encoded data (chips). Basically the Framer consists of two identical correlators of 16 chips
in length. It allows a Telegram Start Identifier (TSI) to be composed of Bi-phase encoded “Zeros” and “Ones”. The
active length of each of the 16 chips correlators is defined independently in the x_TSILENA and x_TSILENB
registers. The pattern to match is defined as a sequence of chips in the x_TSIPTA0, x_TSIPTA1, x_TSIPTB0 and
x_TSIPTB1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com