Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 35Page - Infineon Technologies AG TDA5340 Datasheet HTML 36Page - Infineon Technologies AG TDA5340 Datasheet HTML 37Page - Infineon Technologies AG TDA5340 Datasheet HTML 38Page - Infineon Technologies AG TDA5340 Datasheet HTML 39Page - Infineon Technologies AG TDA5340 Datasheet HTML 40Page - Infineon Technologies AG TDA5340 Datasheet HTML 41Page - Infineon Technologies AG TDA5340 Datasheet HTML 42Page - Infineon Technologies AG TDA5340 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Reference
Data Sheet
39
Revision 1.2, 13.06.2012
3
Reference
3.1
Electrical Data
3.1.1
Absolute Maximum Ratings
■ not subject to production test - verified by characterization/design
Attention: The maximum ratings must not be exceeded under any circumstances, not even momentarily
and individually, as permanent damage to the IC may result.
Table 4
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Test Numb
er
Min.
Typ.
Max.
Supply Voltage at
VDD5V pin
Vsmax
-0.3
+6
V
■
1.1
Supply Voltage at
VDDD, VDDA,
VDDRF pin
Vsmax
-0.3
+4
V
■
1.2
Voltage between
VDD5V vs VDDD ,
VDD5V vs VDDA
and VDD5V vs
VDDRF
Vsmax
-0.3
+4
V
■
1.3
Junction
Temperature
Tj
-40
+125
°C
■
1.4
Storage
Temperature
TS
-40
+150
°C
■
1.5
Thermal resistance
junction to air
Rth(ja)
110
K/W
■
1.6
Total power
dissipation at Tamb
= 105°C
Ptot
135
mW
■
1.7
ESD HBM integrity
(all pins except
RFOUT pin)
VHBMRF
-2
2
kV
According to AEC
Q100-002 /JEDEC
JESD22/A114
■
1.8
ESD HBM integrity
(RFOUT pin)
VHBMRF_PA -4
4
kV
According to AEC
Q100-002 /JEDEC
JESD22/A114
■
1.8.1
ESD CDM / SDM
integrity (All pins
except corner pins)
VSDM
-500
500
V
According to ANSI /
ESD SP5.3.2.-2008
■
1.9
ESD CDM / SDM
integrity (All corner
pins)
VSDM
-750
750
V
According to ANSI /
ESD SP5.3.2.-2008
■
1.10
Latch up
ILU
100
mA
JEDEC JESD78
■
1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com