Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 9Page - Infineon Technologies AG TDA5340 Datasheet HTML 10Page - Infineon Technologies AG TDA5340 Datasheet HTML 11Page - Infineon Technologies AG TDA5340 Datasheet HTML 12Page - Infineon Technologies AG TDA5340 Datasheet HTML 13Page - Infineon Technologies AG TDA5340 Datasheet HTML 14Page - Infineon Technologies AG TDA5340 Datasheet HTML 15Page - Infineon Technologies AG TDA5340 Datasheet HTML 16Page - Infineon Technologies AG TDA5340 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Functional Overview
Data Sheet
13
Revision 1.2, 13.06.2012
2.1.1
Pin Definition
Table 1
Pin Definition and Function
Pin Nr
Pad Name
Equivalent I/O Schematic
Function
1
PPRF_RSSI
Analog output
Digital output with weak driver
capability, always in 3V domain
CLK_OUT, RX_RUN, NINT,
ANT_EXTSW1,
ANT_EXTSW1, DATA,
DATA_MATCHFIL, CH_DATA,
CH_STR, RXD, RXSTR,
TXSTR and TRISTATE are
programmable via SFR
default: TRISTATE
2
VDDA
Analog input
Analog supply
3
GNDA
Analog Ground
GNDA
VDDA
GNDA
VDDA
500
Ω
GNDRF
vm_n
vm_p
VDDRF
RSSI
=
+
-
GNDA
VDDA
VDD5V
VReg
analog ground
GNDA
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com