Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 17Page - Infineon Technologies AG TDA5340 Datasheet HTML 18Page - Infineon Technologies AG TDA5340 Datasheet HTML 19Page - Infineon Technologies AG TDA5340 Datasheet HTML 20Page - Infineon Technologies AG TDA5340 Datasheet HTML 21Page - Infineon Technologies AG TDA5340 Datasheet HTML 22Page - Infineon Technologies AG TDA5340 Datasheet HTML 23Page - Infineon Technologies AG TDA5340 Datasheet HTML 24Page - Infineon Technologies AG TDA5340 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Functional Overview
Data Sheet
21
Revision 1.2, 13.06.2012
feeds a digital FSK demodulator. This block demodulates the FSK data and delivers an AFC signal which controls
the divider factor of the PLL synthesizer. A digital receiver, which comprises RSSI peak detectors, a matched data
filter, a clock and data recovery, a data slicer, a frame synchronization and a data FIFO, decodes the received
ASK or FSK data stream. The recovered data and clock signals are accessible via 2 separate pins. The FIFO data
buffer is accessible via the SPI bus interface.The crystal oscillator serves as the reference frequency for the PLL
phase detector, the clock signal of the Sigma-Delta modulator and divided by two as the 2nd local oscillator signal.
To accelerate the start up of the crystal oscillator two modes are selectable: a Low Power Mode (with lower
precision) and a High Precision Mode.
2.4
Block Overview
The TDA5340 is separated into the following main blocks:
•
RF / IF Receiver
•
Power Amplifier
•
Crystal Oscillator and Clock Divider
•
Sigma-Delta Fractional-N PLL Synthesizer
•
ASK / FSK Demodulator incl. AFC and AGC
•
RSSI Peak Detector
•
Digital Baseband Receiver
•
Digital Baseband Transmitter
•
Power Supply Circuitry
•
System Interface
•
System Management Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com