Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 45Page - Infineon Technologies AG TDA5340 Datasheet HTML 46Page - Infineon Technologies AG TDA5340 Datasheet HTML 47Page - Infineon Technologies AG TDA5340 Datasheet HTML 48Page - Infineon Technologies AG TDA5340 Datasheet HTML 49Page - Infineon Technologies AG TDA5340 Datasheet HTML 50Page - Infineon Technologies AG TDA5340 Datasheet HTML 51Page - Infineon Technologies AG TDA5340 Datasheet HTML 52Page - Infineon Technologies AG TDA5340 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Reference
Data Sheet
49
Revision 1.2, 13.06.2012
2) differential parallel equivalent input between LNA_INP and LNA_INN
Table 11
Receiver 2nd IF Mixer, RSSI and Filter Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Test Number
Min.
Typ.
Max.
Mixer input
impedance
Rin_IF
290
330
370
Ω
fIF = 10...12 MHz ■
8.1
RSSI
Dynamic range
DRRSSI1
-110
-30
dBm
applies for digital
RSSI
■
8.2
DRRSSI2
-115
-60
dBm
applies for
analog RSSI @
50 kHz BPF,
AGC off
■
8.3
DRRSSI3
-110
-50
dBm
applies for
analog RSSI @
300 kHz BPF,
AGC off
■
8.4
Linearity
DRLIN
-1
+1
dB
-95 dBm ....-
35 dBm; applies
for digital RSSI
■
8.5
Temperature drift
within linear
dynamic range
DRTEMP
-2.5
+1.5
dB
-95 dBm...-
35 dBm; applies
for digital RSSI
■
8.6
Output voltage
dynamic range
VRSSI+
0.8
1.0
2
V
■
8.7
analog RSSI error,
untrimmed
DRSSIana -4
+2.5
dB
at RSSI pin
8.8
analog RSSI slope,
untrimmed
dVRSSI/
dVmix_in
810
12
mV/d
B
at RSSI pin;
typical
600 mV/60 dB =
10 mV/dB
8.9
digital RSSI error,
untrimmed
DRSSIdig_
u
-3
+3
dB
RSSI register
readout
8.10
digital RSSI error,
user trimmed via
SFRs RSSISLOPE
and RSSIOFFS
DRSSIdig_
t
-1
+1
dB
RSSI register
readout
■
8.11
digital RSSI
slope,untrimmed
dVRSSI/
dVmix_in
8
10
12
LSB/d
B
RSSI register
readout; typical
600 mV/60 dB =
10 mV/dB, 1mV =
1 LSB
8.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com