Electronic Components Datasheet Search
  English  ▼

X  

TDA5340 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TDA5340
Description  High Sensitivity Multi-Channel Transceiver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5340 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TDA5340 Datasheet HTML 37Page - Infineon Technologies AG TDA5340 Datasheet HTML 38Page - Infineon Technologies AG TDA5340 Datasheet HTML 39Page - Infineon Technologies AG TDA5340 Datasheet HTML 40Page - Infineon Technologies AG TDA5340 Datasheet HTML 41Page - Infineon Technologies AG TDA5340 Datasheet HTML 42Page - Infineon Technologies AG TDA5340 Datasheet HTML 43Page - Infineon Technologies AG TDA5340 Datasheet HTML 44Page - Infineon Technologies AG TDA5340 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
TDA5340
SmartLEWISTM TRX
Reference
Data Sheet
41
Revision 1.2, 13.06.2012
3.1.3
AC/DC Characteristics
Supply voltage VDD5V = 4.5 to 5.5 Volt or VDD5V = VDDA = VDDD = VDDRF = 3.0 to 3.6 Volt, Ambient
temperature Tamb = -40...110°C, Tamb = +25°C for typical parameters, unless otherwise specified.
Values of AC/DC characteristics are with combined matching network using internal antenna switch not including
matching variation.
■ not subject to production test - verified by characterization/design
Table 6
General Transceiver Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Test Numb
er
Min.
Typ.
Max.
Supply Current: Transmit Mode
315 MHz Band
ITX,10dBm
12
14
mA
Continuous wave
measured in a 50 Ω
Load
■
3.1
434 MHz Band
ITX,10dBm
12.5
15
mA
Continuous wave
measured in a 50 Ω
Load / measured @
433,92 MHz
■
3.1.1
315 / 434 MHz
Band
ITX,13dBm
18
21
mA
Continuous
wavemeasured in a
50 Ω Load / measured
and test @
433,92 MHz
3.2
868/915/954MHz
Band
ITX,10dBm
17
20
mA
Continuous wave
measured in a 50 Ω
Load
■
3.3
868 /915 MHz Band ITX,13dBm
22.5
26
mA
Continuous wave
measured in a 50 Ω
Load / test at
868 MHz
3.4
Supply Current: Receive Mode
Double Down
Conversion Mode
IRun,Double
12.5
15.5
mA
ASK or FSK mode Pin
< -50 dBm
3.5
Single Down
Conversion Mode
IRun,Single
11.5
14.5
mA
ASK or FSK mode Pin
< -50 dBm
3.6
Supply Current: Sleep Mode
Tamb = 25 °C
Isleep_low,25
°C
40
50
µA
1)
3.7
Tamb = 85 °C
Isleep_low,85
°C
70
130
µA
1)
■
3.8
Tamb = 110 °C
Isleep_low,11
0°C
110
180
µA
1)
3.9
Sleep Mode Supply
current High
Precision:
Isleep_high
100
µA
2)
■
3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com