Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 30Page - Renesas Technology Corp HD404816FS Datasheet HTML 31Page - Renesas Technology Corp HD404816FS Datasheet HTML 32Page - Renesas Technology Corp HD404816FS Datasheet HTML 33Page - Renesas Technology Corp HD404816FS Datasheet HTML 34Page - Renesas Technology Corp HD404816FS Datasheet HTML 35Page - Renesas Technology Corp HD404816FS Datasheet HTML 36Page - Renesas Technology Corp HD404816FS Datasheet HTML 37Page - Renesas Technology Corp HD404816FS Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
HD404818 Series
32
MIS2
MIS1
MIS0
t RC selection
Refer to
table 20
MIS: $00C
MIS
1 Bit
0 Bit
00
01
10
11
T
0.24414 ms
15.625 ms
62.5 ms
Not used
—
0.12207 ms
0.24414 ms
7.8125 ms
31.25 ms
Oscillation circuit
condition
External clock input
Ceramic or crystal
oscillator
Notes:
RC
1
2
t RC
1
1. The value of t
applies only when using
a 32.768-kHz oscillator.
2. Only direct transfer.
*
*
*
Figure 13 Miscellaneous Register
Direct Transfer: By controlling the DTON, the MCU can be placed directly from subactive to active
mode. The detailed procedure is as follows:
• Set the DTON flag in subactive mode while LSON = 0.
• Execute the STOP or SBY instruction.
• After the oscillation stabilization time (a fixed value), the MCU will move automatically from subactive
to active mode.
Note that DTON ($020, bit 3) is valid only in subactive mode. When the MCU is in active mode, this flag
is always at reset.
The transition time (t
D) from subactive to active mode is tRC < tD < T + tRC.
Subactive mode
Interrupt
strobe
Direct transfer
timing
Internal
execution
time (< T)
Oscillation
stabilization
time
Active mode
T
t
RC
T:
t
:
RC
STOP/SBY
execution
(LSON = 0, DTON = 1)
Interrupt frame period
Oscillation stabilization period
Figure 14 Direct Transfer Timing
MCU Operating Sequence: The MCU operates in the sequence shown in figures 15 to 17. It is reset by an
asynchronous RESET input, regardless of its state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com