Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 83Page - Renesas Technology Corp HD404816FS Datasheet HTML 84Page - Renesas Technology Corp HD404816FS Datasheet HTML 85Page - Renesas Technology Corp HD404816FS Datasheet HTML 86Page - Renesas Technology Corp HD404816FS Datasheet HTML 87Page - Renesas Technology Corp HD404816FS Datasheet HTML 88Page - Renesas Technology Corp HD404816FS Datasheet HTML 89Page - Renesas Technology Corp HD404816FS Datasheet HTML 90Page - Renesas Technology Corp HD404816FS Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
HD404818 Series
85
Serial Interface Timing Characteristics
During Transmit Clock Output (HD404812, HD404814, HD404816, HD404818: V
CC = 4 to 6 V;
HD4074818: V
CC = 4 to 5.5 V; GND = 0 V, Ta = –20°C to +75°C, unless otherwise specified)
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Transmit clock cycle time t
Scyc
SCK
1
t
cyc /
t
subcyc
1, 2, 4
Transmit clock high and
low widths
t
SCKH, t SCKL
SCK
0.5
t
Scyc
1, 2
Transmit clock rise and
fall times
t
SCKr, t SCKf
SCK
100
ns
1, 2
Serial output data delay
time
t
DSO
SO
300
ns
1, 2
Serial input data setup
time
t
SSI
SI
200
ns
1
Serial input data hold time t
HSI
SI
150
ns
1
During Transmit Clock Input
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Transmit clock cycle time t
Scyc
SCK
1
t
cyc /
t
subcyc
1, 4
Transmit clock high and
low widths
t
SCKH, t SCKL
SCK
0.5
t
Scyc
1
Transmit clock rise and
fall times
t
SCKr,
t
SCKf
SCK
100
ns
1
Serial output data delay
time
t
DSO
SO
300
ns
1, 2
Serial input data setup
time
t
SSI
SI
200
ns
1
Serial input data hold time t
HSI
SI
150
ns
1
Transmit clock completion
detect time
t
SCKHD
SCK
1
t
cyc /
t
subcyc
1,2, 3, 4
Notes: 1. See figure 46.
2. See figure 47.
3. The transmit clock completion detect time is the high level period after 8 pulses of transmit
clocks are input. The serial interrupt request flag is not set if the next transmit clock is input
before the transmit clock completion detect time has passed.
4. The unit t
subcyc is applied when the MCU is in subactive mode.
t
subcyc = 244.14 µs (for a 32.768-
kHz crystal oscillator).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com