Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 88Page - Renesas Technology Corp HD404816FS Datasheet HTML 89Page - Renesas Technology Corp HD404816FS Datasheet HTML 90Page - Renesas Technology Corp HD404816FS Datasheet HTML 91Page - Renesas Technology Corp HD404816FS Datasheet HTML 92Page - Renesas Technology Corp HD404816FS Datasheet HTML 93Page - Renesas Technology Corp HD404816FS Datasheet HTML 94Page - Renesas Technology Corp HD404816FS Datasheet HTML 95Page - Renesas Technology Corp HD404816FS Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
HD404818 Series
90
Input/Output Characteristics for Standard Pins (HD40L4812, HD40L4814, HD40L4816,
HD40L4818: V
CC = 2.7 to 6 V; HD407L4818:
V
CC = 3 to 5.5 V; GND = 0 V, Ta = –20°C to +75°C,
unless otherwise specified)
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Input high
voltage
V
IH
D
10–D 13,
R0–R3
0.7V
CC
V
CC +
0.3
V
Input low
voltage
V
IL
D
10–D 13,
R0–R3
–0.3
0.3V
CC
V
Output high
voltage
V
OH
R0–R3
V
CC –1.0
V
–I
OH = 0.5 mA
Pull-up MOS
current
–I
PU
R0–R3
5
40
90
µAV
CC = 3 V,
V
in = 0 V
Output low
voltage
V
OL
R0–R3
0.4
V
I
OL = 0.4 mA
Input/output
leakage
current
|I
IL|D11–D 13,
R0–R3
1
µAV
in = 0 V to VCC
1
D
10
1
µAV
in = 0 V to VCC
2
20
µAV
in = 0 V to VCC
3
Input high
voltage
V
IHA
D
12, D13
(Analog compare
mode)
VC
ref +
0.1
V
Input low
voltage
V
ILA
D
12, D13
(Analog compare
mode)
VC
ref –
0.1
V
Analog input
voltage
V
Cref
0V
CC –
1.2
V
Notes: 1
Output buffer current is excluded.
2. Applies to HD40L4812, HD40L4814, HD40L4816, and HD40L4818.
3. Applies to HD407L4818.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com