Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 78Page - Renesas Technology Corp HD404816FS Datasheet HTML 79Page - Renesas Technology Corp HD404816FS Datasheet HTML 80Page - Renesas Technology Corp HD404816FS Datasheet HTML 81Page - Renesas Technology Corp HD404816FS Datasheet HTML 82Page - Renesas Technology Corp HD404816FS Datasheet HTML 83Page - Renesas Technology Corp HD404816FS Datasheet HTML 84Page - Renesas Technology Corp HD404816FS Datasheet HTML 85Page - Renesas Technology Corp HD404816FS Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
HD404818 Series
80
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Current
dissipation in
watch mode
(1)
I
WTC1
V
CC
10
20
µAV
CC = 5 V,
LCD: Off
Current
dissipation in
watch mode
(2)
I
WTC2
V
CC
25
50
µAV
CC = 5 V,
LCD: On
Current
dissipation in
stop mode
I
STOP
V
CC
110
µAV
CC = 5 V,
Without 32-kHz
oscillator
Notes: 1. Excluding output buffer current.
2. The MCU is in the reset state. Input/output current does not flow.
• MCU in reset state
• RESET, TEST: V
CC
3. The timer operates and input/output current does not flow.
• MCU in standby mode
• Input/output in reset state
• Serial interface: Stop
• RESET: GND
• TEST: V
CC
• D
12, D13:
Digital input mode
4. RAM data retention.
5. D
12/D13 is in the analog input mode.
Input/output current does not flow. VC
ref, D12, D13:
GND
6. Applies to the HD404812, HD404814, HD404816, and HD404818.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com