Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 90Page - Renesas Technology Corp HD404816FS Datasheet HTML 91Page - Renesas Technology Corp HD404816FS Datasheet HTML 92Page - Renesas Technology Corp HD404816FS Datasheet HTML 93Page - Renesas Technology Corp HD404816FS Datasheet HTML 94Page - Renesas Technology Corp HD404816FS Datasheet HTML 95Page - Renesas Technology Corp HD404816FS Datasheet HTML 96Page - Renesas Technology Corp HD404816FS Datasheet HTML 97Page - Renesas Technology Corp HD404816FS Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
HD404818 Series
92
AC Characteristics (HD40L4812, HD40L4814, HD40L4816, HD40L4818:
V
CC
= 2.7 to 6 V;
HD407L4818: V
CC = 3 to 5.5 V; GND = 0 V, Ta = –20°C to +75°C, unless otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Oscillation
frequency
f
OSC
OSC
1, OSC 2
250
800
900
kHz
X1, X2
32.768
kHz
Instruction cycle
time
t
cyc
4.45
5
16
µs
Oscillator
stabilization time
t
RC
OSC
1, OSC 2
7.5
ms
f
OSC = 400 kHz
1
7.5
ms
f
OSC = 800 kHz
1
X1, X2
3
s
T
a= –10° to 60 °C2
External clock
frequency
f
CP
OSC
1
250
900
kHz
3
External clock high
width
t
CPH
OSC
1
525
ns
3
External clock low
width
t
CPL
OSC
1
525
ns
3
External clock rise
time
t
CPr
OSC
1
30
ns
3
External clock fall
time
t
CPf
OSC
1
30
ns
3
INT
0 high width
t
IH
INT
0
2t
cyc/
t
subcyc
4, 6
INT
0 low width
t
IL
INT
0
2t
cyc/
t
subcyc
4, 6
INT
1 high width
t
IH
INT
1
2t
cyc
4
INT
1 low width
t
IL
INT
1
2t
cyc
4
RESET high width t
RSTH
RESET
2
t
cyc
5
Input capacitance
C
in
D
10
15
pF
f = 1 MHz, V
in = 0 V
8
90
pF
f = 1 MHz, V
in = 0 V
9
All pins except D
10
15
pF
f = 1 MHz, V
in = 0 V
Reset fall time
t
RSTf
20
ms
5
Analog
comparator
stabilization time
t
CSTB
D
12, D13
2t
cyc
7
Notes: 1. The oscillator stabilization time is the period from when V
CC reaches 2.7 V (HD407L4818:
V
CC =
3.0 V) at power-on until the oscillator stabilizes, or after RESET goes high. At power-on or when
recovering from stop mode, RESET must be kept high for more than t
RC.
Since t
RC depends on
the ceramic oscillator’s circuit constant and stray capacitance, consult with the ceramic oscillator
manufacturer when designing the reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com