Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 37Page - Renesas Technology Corp HD404816FS Datasheet HTML 38Page - Renesas Technology Corp HD404816FS Datasheet HTML 39Page - Renesas Technology Corp HD404816FS Datasheet HTML 40Page - Renesas Technology Corp HD404816FS Datasheet HTML 41Page - Renesas Technology Corp HD404816FS Datasheet HTML 42Page - Renesas Technology Corp HD404816FS Datasheet HTML 43Page - Renesas Technology Corp HD404816FS Datasheet HTML 44Page - Renesas Technology Corp HD404816FS Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
HD404818 Series
39
Table 18 Examples of Oscillator Circuits (cont)
Circuit Configuration
Circuit Constants
Crystal oscillator
X1
C1
2
C
X2
Crystal
GND
L
S
C RS
C
0
Crystal: 32.768 kHz: MX38T
(Nippon Denpa Kogyo)
C
1: = 20 pF ± 20%
C
2: = 20 pF ± 20%
R
S: = 14 k Ω
C
0: = 1.5 pF
Notes: 1.
The circuit parameters above are recommended by the crystal or ceramic oscillator
manufacturer. The circuit parameters are affected by the crystal or ceramic oscillator and floating
capacitance when designing the board. When using the oscillator, consult with the crystal or
ceramic oscillator manufacturer to determine the circuit parameters.
2. Writing among OSC
1 and OSC 2 or X1 and X2, and other elements should be as short as
possible, and should not cross other wires. Refer to figure 21.
3. When the 32.768-kHz crystal oscillator is not used, pin X1 must be fixed to V
cc and pin X2 must
be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com