Electronic Components Datasheet Search
  English  ▼

X  

HD404816FS Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 68Page - Renesas Technology Corp HD404816FS Datasheet HTML 69Page - Renesas Technology Corp HD404816FS Datasheet HTML 70Page - Renesas Technology Corp HD404816FS Datasheet HTML 71Page - Renesas Technology Corp HD404816FS Datasheet HTML 72Page - Renesas Technology Corp HD404816FS Datasheet HTML 73Page - Renesas Technology Corp HD404816FS Datasheet HTML 74Page - Renesas Technology Corp HD404816FS Datasheet HTML 75Page - Renesas Technology Corp HD404816FS Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
HD404818 Series
70
Programmable ROM Operation
The MCU on-chip PROM is programmed in PROM mode. PROM mode is set by pulling
TEST, M
0, and
M
1 low, and RESET high, as shown in figure 38. In PROM mode, the MCU does not operate. It can be
programmed like a standard 27256 EPROM using a standard PROM programmer and an 80-to-28-pin
socket adapter. Table 31 lists the recommended PROM programmers and socket adapters.
Since an instruction of the HMCS400 series consists of 10 bits, the HMCS400 series microcomputer
incorporates a conversion circuit to enable the use of a general-purpose PROM programmer. By this circuit,
an instruction is read or programmed using two addresses, a lower 5 bits and upper 5 bits. For example, if 8
kwords of on-chip PROM are programmed by a general-purpose PROM pro-grammer, 16 kbytes of
addresses ($0000–$3FFF) should be specified.
Programming and Verification
The MCU can be programmed at high speed without causing voltage stress or affecting data reliability.
Table 30 shows how programming and verification modes are selected.
Precautions
1. Addresses $0000 to $3FFF must be specified if the PROM is programmed by a PROM programmer. If
addresses of $4000 or higher are accessed, the PROM may not be programmed or verified. Note that
plastic package types cannot be erased and reprogrammed. Data in unused addresses must be set to $FF.
2. Ensure that the PROM programmer, socket adapter, and LSI match. Using the wrong programmer for
the socket adapter may cause an overvoltage and damage the LSI. Make sure that the LSI is firmly fixed
in the socket adapter, and that the socket adapter is firmly fixed onto the programmer.
3. The PROM should be programmed with V
PP = 12.5 V. Other PROMs use 21 V. If 21 V is applied to the
MCU, the LSI may be permanently damaged. 12.5 V is the Intel 27256 setting.
Table 30 PROM Mode Selection
Pin
Mode
CE
OE
V
PP
O
0–O7
Programming
Low
High
V
PP
Data input
Verify
High
Low
V
PP
Data output
Programming inhibited
High
High
V
PP
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com