Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 17 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 17 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
17
TRANSMIT & RECEIVE DATA INTERFACES
There are two sets of transmit and receive data interfaces for the ML5800:
§
Baseband Data:
DIN, DOUT, AOUT
§
RF Data:
RXI, TXO
BASEBAND DATA: DIN, DOUT, AOUT
The DIN pin is a CMOS-level serial data input for FSK modulation on the radio channel. This DIN pin drives data bits
into the two-port transmit modulator. When used with Direct Sequence Spread Spectrum (DSSS), the chip rate, bit rate
and spreading code are determined in the baseband processor and the FM deviation and transmit filtering are
determined in the ML5800. There is no re-timing of the chips, so the transmitted FSK chips take their timing from the
data on this pin.
The DOUT pin is a corresponding CMOS-level digital data output. The data on this pin is valid only when the run length
of the transmitted digital data is limited to consecutive 1’s or 0’s no longer than 3
µs.
When longer run lengths are used, an off-chip data slicer is required, driven from the AOUT_TPC pin. Setting the AOUT
bit in Register 0 turns the AOUT_TPC pin into a buffered, single-ended analog output from the data filter. This output
can be used to drive an off-chip data slicer or an ADC input for a DSP data slicer. Clock recovery for both DOUT and
AOUT modes is performed in the baseband.
RF DATA: RXI, TXO
The RXI receive input (pin 20) and the TXO transmit output (pin 21) are the only RF I/O pins. The RXI pin requires a
simple impedance matching network for best input noise figure, and the TXO pin also requires a matching network for
maximum power output into 50
Ω. The voltage on the modulation port swings above and below its central value to
produce 2-FSK modulation on the VCO. (See Figure 6)
For best performance, all RF ground pins must have a direct connection to the RF ground plane, and the RF supply
pins must be well decoupled from the RF ground pins.
FOS
FMAX
FMIN
FDEV
TRANSIENT TRANSMIT MODULATION
Freq=5.779456GHz, VCCA=VDD=3.3V, Ta=25C
NAME
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
Units
FDEV
Final Modulation Deviation
After 200us of consecutive 1 or 0
bits
±500
±512
±524
kHz
FMAX
Maximum Modulation
Deviation
PN (15 bit) Sequence Encoded
Data @ 1.536Mb/s
±720
kHz
FMIN
Minimum Modulation
Deviation
PN (15 bit) Sequence Encoded
Data @ 1.536Mb/s
±450
kHz
FOS
Modulation center frequency
offset
50us after RXON low
±50
kHz
Figure 6. Transient Transmit Modulation Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com