Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 3Page - Micro Linear Corporation ML5800DM Datasheet HTML 4Page - Micro Linear Corporation ML5800DM Datasheet HTML 5Page - Micro Linear Corporation ML5800DM Datasheet HTML 6Page - Micro Linear Corporation ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation ML5800DM Datasheet HTML 10Page - Micro Linear Corporation ML5800DM Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
7
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
(Regulated
Output)
for the IF regulator. A capacitor must be tied
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
31
VDD
PWR/I
(Unregulated
Input)
DC digital power supply input to the interface
logic and control registers. This supply is not
connected internally to any other supply pin,
but its voltage must be less than or equal to
the VCCA supply and greater than or equal to
2.7V. A capacitor must be tied between this
pin and ground to decouple (bypass) noise.
N/A
TRANSMIT/RECEIVE
20
RXI
I (analog)
Receive RF Input. A simple matching network
is required for optimum noise figure. This input
connects to the base of an NPN transistor and
should be AC coupled.
GNDDB
(PIN 24)
(PIN 8)
VSS
RXI
VCCA
0.7V
VCCA
VSS
4k
20
8
24
21
TXO
O (analog)
TX RF open-collector output. 0 dBm nominal
output power into a matched load over 5.725
to 5.850GHz range. This output requires a DC
path to VCCA.
TXO
21
GNDDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com