Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 7Page - Micro Linear Corporation ML5800DM Datasheet HTML 8Page - Micro Linear Corporation ML5800DM Datasheet HTML 9Page - Micro Linear Corporation ML5800DM Datasheet HTML 10Page - Micro Linear Corporation ML5800DM Datasheet HTML 11Page - Micro Linear Corporation ML5800DM Datasheet HTML 12Page - Micro Linear Corporation ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
11
FUNCTIONAL DESCRIPTION
The ML5800 enables the design and manufacture of low-cost, small yet high-performance digital RF transceivers in the
relatively interference-free 5.8GHz ISM band. Frequency Shift Keying (FSK) is a constant-envelope modulation, which
allows the use of high-efficiency class C power amplifier (such as the ML5803) resulting in longer battery life.
Integrated in the ML5800 is a dual-conversion low-IF receiver with completely integrated filters, all frequency generation
circuits, and transmit circuits. On-chip regulators protect critical circuits from power-supply noise and allow for
consistent performance over the supply voltage range.
The ML5800 transmits and receives 1.536 Mbps FSK data in the 5.725 to 5.850GHz ISM band. The high data rate
allows for direct sequence spread spectrum coding, which increases interference rejection and input sensitivity at the
cost of reduced effective data rate. For example, a 15-chip spreading sequence results in 11.7dB of processing gain
and a ‘raw’ data rate of 102.4Kbps.
The ML5800 contains a dual-conversion low-IF receiver. The first IF frequency of 1.9 GHz gives an image response,
also at 1.9 GHz. An off-chip filter is needed to protect the receiver from this image and from IF feedthrough. The second
IF frequency of 1.024 MHz results in an image response in an adjacent channel. The quadrature image-reject mixer
and low IF filter combine to achieve a typical image rejection of 35 dB. All IF filtering and demodulation are performed
on chip using active filtering, centered at 1.024 MHz. A matched bit-rate filter and data slicer follow the demodulator
and provide sliced data at the DOUT pin. Buffered analog (unsliced) data is available on the AOUT_TPC pin.
The ML5800 transmitter uses a fractional-N PLL and two-port closed loop modulation to accurately impress the FSK
signal on the 5.8GHz carrier. Closed loop modulation techniques allow for continuous transmission or reception of data
without significant frequency drift, making the ML5800 ideal for wireless streaming media applications. A lock-detect
circuit monitors the state of the PLL loop. When the PLL is out of lock the transmitter output is disabled.
The frequency generation circuits are comprised of a fully integrated 3.9GHz VCO local oscillator (LO), dividers, a
phase comparator, and a charge pump for a PLL frequency synthesizer. A fractional-N PLL applies the low frequency
data modulation onto the LO. The LO is halved to generate accurate quadrature signals at 1.9 GHz for the second LO.
The LO PLL is programmed via the three-wire serial bus (CLK, DATA, EN). There is no error checking of the program
data. This bus is functional, and register contents are preserved in STANDBY mode.
Filter
Alignment
PLL
Divider
TXO
5.8GHz
Output
Quadrature
Downmixers
3.9 GHz
VCO
PLL Loop
Filter
Digital
Output
Transmit
Data
Input
Ref.
Divider
Control
Registers
Serial
Control
Bus
RSSI
P.D.
Frequency
Reference
Mode
Control
Control
lines
Quadrature
Generation
Two-port
Modulator
F
to
V
RSSI
RXI
5.8GHz
Input
PAON
RXON
XCEN
DATA
CLK
EN
VTUNE
QPO
Transmit
Mixer
DIN
FREF
DOUT
Receive
Signal
Strength
Indicator
Receiver
Mixer
Analog
Output
AOUT_TPC
Figure 2: ML5800 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com