Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation ML5800DM Datasheet HTML 22Page - Micro Linear Corporation ML5800DM Datasheet HTML 23Page - Micro Linear Corporation ML5800DM Datasheet HTML 24Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ML5800
DS5800-F-02
FINAL DATASHEET
MARCH 2004
21
REGISTER 1 BIT DESCRIPTIONS
DATA BIT
NAME
DESCRIPTION
USE
B15 (MSB) / DB13
N9
B14 / DB12
N8
B13 / DB11
N7
B12 / DB10
N6
B11 / DB9
N5
B10 / DB8
N4
B9 / DB7
N3
B8 / DB6
N2
B7 / DB5
N1
B6 / DB4
N0
PLL Integer Part - N
N = MOD [Floor ((F/4.608) – 0.512 – ((P+11)/18)), 1024]
B5 / DB3
P3
B4 / DB2
P2
B3 / DB1
P1
B2 / DB0
P0
PLL Fractional Part – P
P= MOD [Round (F/0.512 – 11), 9]
B1 / ADR1
ADR1
MSB Address Bit
ADR1 = 0
B0 (LSB) / ADR0
ADR0
LSB Address Bit
ADR0 = 1
Table 17: Register 1 – Channel Frequency Register
This register sets the channel frequency for the ML5800 transceiver.
The “N” Field is the 10-bit integer part of the division ratio, modulo 1024. There is an implicit MSB in the “B16” position
which is fixed to “1”. Values from 0 (00 0000 0000b) to 1022 (11 1111 1110b) are all valid and correspond to N =1024 to
N = 2046. The 4-bit “P” field is the fractional part of the division ratio, modulo 9. Values from 0 (0000b) to 8 (1000b) are
valid.
The relationship between N and P with a given channel frequency F is:
F = 1.5 * 6.144 * (512 +N/2 + (P+11)/18) MHz
To calculate N and P from the channel frequency, F (in MHz) use these formulae:
N = MOD [Floor ((F/4.608) – 0.512 – ((P+11)/18)), 1024]
P= MOD [Round (F/0.512 – 11), 9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com